Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMB53D0UV-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMB53D0UV-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMB53D0UV-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMB53D0UV-7 Datasheet HTML 1Page - Diodes Incorporated DMB53D0UV-7 Datasheet HTML 2Page - Diodes Incorporated DMB53D0UV-7 Datasheet HTML 3Page - Diodes Incorporated DMB53D0UV-7 Datasheet HTML 4Page - Diodes Incorporated DMB53D0UV-7 Datasheet HTML 5Page - Diodes Incorporated DMB53D0UV-7 Datasheet HTML 6Page - Diodes Incorporated DMB53D0UV-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMB53D0UV
Document number: DS31651 Rev. 6 - 2
2 of 7
www.diodes.com
December 2009
© Diodes Incorporated
DMB53D0UV
Electrical Characteristics - MOSFET @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Drain-Source Breakdown Voltage
BVDSS
50
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
10
μA
VDS = 50V, VGS = 0V
Gate-Body Leakage
IGSS
1.0
5.0
μA
VGS = ±8V, VDS = 0V
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(th)
0.7
0.8
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
3.1
4
Ω
VGS = 4V, ID = 100mA
4
5
VGS = 2.5V, ID = 80mA
Forward Transconductance
gFS
180
mS
VDS = 10V, ID = 100mA,
f = 1.0KHz
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
25
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
5
pF
Reverse Transfer Capacitance
Crss
2.1
pF
Electrical Characteristics - NPN Transistor @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
(Note 4)
V(BR)CBO
50
V
IC = 10μA, IB = 0
Collector-Emitter Breakdown Voltage
(Note 4)
V(BR)CEO
45
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
(Note 4)
V(BR)EBO
6
V
IE = 1μA, IC = 0
DC Current Gain
(Note 4)
hFE
200
290
450
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage
(Note 4)
VCE(SAT)
100
300
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage
(Note 4)
VBE(SAT)
700
900
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage
(Note 4)
VBE
580
660
700
770
mV
VCE = 5.0V, IC = 2.0mA
VCE = 5.0V, IC = 10mA
Collector-Cutoff Current
(Note 4)
ICBO
ICBO
15
5.0
nA
µA
VCB = 30V
VCB = 30V, TA = 150°C
Collector-Emitter Cut-Off Current
(Note 4)
ICES
100
nA
VCE = 45V
Gain Bandwidth Product
fT
100
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Output Capacitance
COBO
4.5
pF
VCB = 10V, f = 1.0MHz
Noise Figure
NF
10
dB
VCE = 5V, RS = 2.0kΩ,
f = 1.0kHz, BW = 200Hz
Notes:
4. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DMB53D0UV-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMB53D0UDW DIODES-DMB53D0UDW Datasheet
137Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DMB53D0UDW-7 DIODES-DMB53D0UDW-7 Datasheet
137Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
More results

Similar Description - DMB53D0UV-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMB53D0UDW DIODES-DMB53D0UDW Datasheet
137Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DMB54D0UDW DIODES-DMB54D0UDW_15 Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UV DIODES-DMB54D0UV Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UDW DIODES-DMB54D0UDW Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UV DIODES-DMB54D0UV_15 Datasheet
128Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
logo
List of Unclassifed Man...
TN2010T ETC-TN2010T Datasheet
46Kb / 4P
   N-Channel Enhancement-Mode MOSFET Transistor
logo
Unisonic Technologies
UTT36N05 UTC-UTT36N05_15 Datasheet
214Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Diodes Incorporated
DMPH6050SK3Q DIODES-DMPH6050SK3Q Datasheet
523Kb / 7P
   60V plus 175C P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
2N7085 SEME-LAB-2N7085 Datasheet
16Kb / 2P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com