Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ78A Datasheet(PDF) 3 Page - Diotech Company.

Part # SMBJ78A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SMBJ78A Datasheet(HTML) 3 Page - Diotech Company.

  SMBJ78A Datasheet HTML 1Page - Diotech Company. SMBJ78A Datasheet HTML 2Page - Diotech Company. SMBJ78A Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMBJ5.0 THRU SMBJ440CA
RATINGS AND CHARACTERISTIC CURVES
10
100
1000
0
0
1
0
1
1
Number of Cycles at 60 Hz
200
Fig.6 - Maximum Non-Repetitive Peak
Forward Surge Current
8.3ms Single Half Sine-Wave
(JEDEC Method)
Unidirectional Only
10
100
1000
10000
0
0
2
0
0
1
0
.
1
1
VR,Measured at
Stand-Off
Voltage, VWM
TJ = 25°C
f = 1.0MHZ
Vsig = 50mVp-
Measured at
Zero Bias
Fig.4 - Typical Junction
6000
Uni-Directional
Bi-Directional
VWM - Reverse Stand-Off Voltage (V)
t - Time(ms)
3.0
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width(td)is defined
as the point where the
peak current decays to
50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
4.0
50
Half Value- IPPM
2
100
3.0
0
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Fig. 5 - Typ.Transient Thermal Impedance
tp-Pulse Duration (sec)
1.0
0.1
1
10
100
10ms
0.1µs
1.0µs
10µs
100µs
1.0ms
td - Pulse Width (sec.)
Fig. 1 - Peak Pulse Power Rating Curve
0.2x0.2"(5.0x5.0mm)
Copper Pad Areas
0
12.5
25
37.5
50
62.5
75
87.5
100
0
0.2
0.4
0.6
0.8
1
1.2
Fig.2 - Pulse Derating
TA - Ambient Temperature


Similar Part No. - SMBJ78A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ78A LITTELFUSE-SMBJ78A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Yangzhou yangjie electr...
SMBJ78A YANGJIE-SMBJ78A Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMBJ78A JGD-SMBJ78A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ78A SOCAY-SMBJ78A Datasheet
632Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Formosa MS
SMBJ78A FORMOSA-SMBJ78A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMBJ78A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com