Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3120L-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP3120L-7
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3120L-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP3120L-7 Datasheet HTML 1Page - Diodes Incorporated DMP3120L-7 Datasheet HTML 2Page - Diodes Incorporated DMP3120L-7 Datasheet HTML 3Page - Diodes Incorporated DMP3120L-7 Datasheet HTML 4Page - Diodes Incorporated DMP3120L-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMP3120L
Document number: DS31505 Rev. 3 - 2
3 of 5
www.diodes.com
June 2010
© Diodes Incorporated
DMP3120L
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
02
4
6
8
10
12
14
-I , DRAIN CURRENT (A)
Fig. 3
D
On-Resistance vs. Drain Current and Gate Voltage
V
= -10V
GS
V
= -4.5V
GS
V
= -2.5V
GS
0
0.1
0.2
0.3
02
4
6
8
10
12
14
-I , DRAIN CURRENT (A)
Fig. 4
D
On-Resistance vs. Drain Current and Temperature
V
= -4.5V
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.6
0.8
1.0
1.2
1.4
1.6
T , AMBIENT TEMPERATURE (C)
A
Fig. 5 Normalized Static Drain-Source On-Resistance
vs. Ambient Temperature
-50
-25
0
25
50
75
100
125 150
V
= -2.5V
I = -2.2A
GS
D
V
= -10V
I = -3.5A
GS
D
V
= -4.5V
I = -2.8A
GS
D
Fig. 6 Typical Capacitance
10
100
1,000
0
5
10
15
20
25
30
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
f = 1MHz
C
iss
Coss
Crss
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T , AMBIENT TEMPERATURE (°C)
A
Fig. 7 Gate Threshold Voltage vs. Ambient Temperature
-50
-25
0
25
50
75
100
125 150
I = -250 A
D
µ
I = -1mA
D
0
2
4
6
8
10
0.4
0.6
0.8
1
1.2
-V
, SOURCE DRAIN VOLTAGE (V)
SD
Fig. 8 Reverse Drain Current vs. Source-Drain Voltage
T = 25°C
A


Similar Part No. - DMP3120L-7

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
DMP3120L ZPSEMI-DMP3120L Datasheet
271Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3120L-7

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com