Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLS260 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DFLS260
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS260 Datasheet(HTML) 3 Page - Diodes Incorporated

  DFLS260 Datasheet HTML 1Page - Diodes Incorporated DFLS260 Datasheet HTML 2Page - Diodes Incorporated DFLS260 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DFLS260
Document number: DS31476 Rev. 1 - 2
3 of 3
www.diodes.com
June 2008
© Diodes Incorporated
DFLS260
PowerDI is a registered trademark of Diodes Incorporated.
Ordering Information (Note 5)
Part Number
Case
Packaging
DFLS260-7
PowerDI
®123
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
F17A = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: V = 2008)
M = Month (ex: 9 = September)
F17A
Date Code Key
Year
2008
2009
2010
2011
2012
2013
2014
2015
Code
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
A
E
L
L1
B
C
E
L2
H
D
PowerDI
®123
Dim
Min
Max
Typ
A
3.50 3.90 3.70
B
2.60 3.00 2.80
C
1.63 1.93 1.78
D
0.93 1.00 0.98
E
0.85 1.25 1.00
H
0.15 0.25 0.20
L
0.55 0.75 0.65
L1
1.80 2.20 2.00
L2
0.95 1.25 1.10
All Dimensions in mm
Suggested Pad Layout
X1
G
X2
Y2
Y1
Dimensions
Value (in mm)
G
1.0
X1
2.2
X2
0.9
Y1
1.4
Y2
1.4
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.


Similar Part No. - DFLS260

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS260 DIODES-DFLS260 Datasheet
105Kb / 8P
   The evaluation board does not have reverse supply protection
DFLS260 DIODES-DFLS260 Datasheet
197Kb / 8P
   The evaluation board does not have reverse supply protection
DFLS260Q DIODES-DFLS260Q Datasheet
316Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI123
September 2018 Rev. 2 - 2
DFLS260Q-7 DIODES-DFLS260Q-7 Datasheet
316Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI123
September 2018 Rev. 2 - 2
DFLS260Q DIODES-DFLS260Q_15 Datasheet
208Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DFLS260

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B240A-13-F DIODES-B240A-13-F Datasheet
175Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com