Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLS260 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DFLS260
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS260 Datasheet(HTML) 2 Page - Diodes Incorporated

  DFLS260 Datasheet HTML 1Page - Diodes Incorporated DFLS260 Datasheet HTML 2Page - Diodes Incorporated DFLS260 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DFLS260
Document number: DS31476 Rev. 1 - 2
2 of 3
www.diodes.com
June 2008
© Diodes Incorporated
DFLS260
owerDI is a registered trademark of Diodes Incorporated.
P
Fig. 1 Forward Power Dissipation
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5
1
1.5
2
2.5
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
0.001
0.01
0.1
1
0
0.5
1.0
1.5
T = 125 C
A
°
T = 100 C
A
°
T = 25 C
A
°
T = -65 C
A
°
T = 150 C
A
°
520
30
40
50
0.0001
0.001
0.01
0.1
1
10
100
1,000
10,000
100,000
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 3 Typical Reverse Characteristics
60
0
50
100
150
200
250
0
5
10
15
20
25
30
V , DC REVERSE VOLTAGE (V)
R
Fig. 4 Total Capacitance vs. Reverse Voltage
T , AMBIENT TEMPERATURE ( C)
Fig. 5 Forward Current Derating Curve
A
°
0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
150
Note 1


Similar Part No. - DFLS260

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS260 DIODES-DFLS260 Datasheet
105Kb / 8P
   The evaluation board does not have reverse supply protection
DFLS260 DIODES-DFLS260 Datasheet
197Kb / 8P
   The evaluation board does not have reverse supply protection
DFLS260Q DIODES-DFLS260Q Datasheet
316Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI123
September 2018 Rev. 2 - 2
DFLS260Q-7 DIODES-DFLS260Q-7 Datasheet
316Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI123
September 2018 Rev. 2 - 2
DFLS260Q DIODES-DFLS260Q_15 Datasheet
208Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DFLS260

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B240A-13-F DIODES-B240A-13-F Datasheet
175Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com