Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC3035LSD-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC3035LSD-13
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC3035LSD-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC3035LSD-13 Datasheet HTML 1Page - Diodes Incorporated DMC3035LSD-13 Datasheet HTML 2Page - Diodes Incorporated DMC3035LSD-13 Datasheet HTML 3Page - Diodes Incorporated DMC3035LSD-13 Datasheet HTML 4Page - Diodes Incorporated DMC3035LSD-13 Datasheet HTML 5Page - Diodes Incorporated DMC3035LSD-13 Datasheet HTML 6Page - Diodes Incorporated DMC3035LSD-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMC3035LSD
Document number: DS31312 Rev. 3 - 2
2 of 7
www.diodes.com
October 2008
© Diodes Incorporated
DMC3035LSD
Electrical Characteristics N-CHANNEL @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 24V, VGS = 0V
Gate-Source Leakage
IGSS
± 100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
1
2.1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
28
51
35
61
m
Ω
VGS = 10V, ID = 6.9A
VGS = 4.5V, ID = 5.0A
Forward Transfer Admittance
|Yfs|
7.7
S
VDS = 5V, ID = 6.9A
Diode Forward Voltage (Note 5)
VSD
0.5
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
384
pF
Output Capacitance
Coss
67
pF
Reverse Transfer Capacitance
Crss
48
pF
VDS = 15V, VGS = 0V, f = 1.0MHz
Gate Resistance
RG
1.3
Ω
VGS = 0V, VDS = 0V, f = 1MHz
SWITCHING CHARACTERISTICS
Total Gate Charge
Qg
4.3
8.6
VDS = 10V, VGS = 4.5V, ID = 10A
VDS = 10V, VGS = 10V, ID = 10A
Gate-Source Charge
Qgs
1.2
VDS = 10V, VGS = 10V, ID = 10A
Gate-Drain Charge
Qgd
2.5
nC
VDS = 10V, VGS = 10V, ID = 10A
Electrical Characteristics P-CHANNEL @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-1.0
μA
VDS = -24V, VGS = 0V
Gate-Source Leakage
IGSS
± 100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-1
-2.1
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
56
98
65
115
m
Ω
VGS = -10V, ID = -5A
VGS = -4.5V, ID = -4A
Forward Transfer Admittance
|Yfs|
5.2
S
VDS = -10V, ID = -5A
Diode Forward Voltage (Note 5)
VSD
-0.5
-1.2
V
VGS = 0V, IS = -2.6A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
336
pF
Output Capacitance
Coss
70
pF
Reverse Transfer Capacitance
Crss
49
pF
VDS = -25V, VGS = 0V, f = 1.0MHz
Gate Resistance
RG
4.6
Ω
VGS = 0V, VDS = 0V, f = 1MHz
SWITCHING CHARACTERISTICS
Total Gate Charge
Qg
4.0
7.8
VDS = 15V, VGS = -4.5V, ID = -5A
VDS = 15V, VGS = -10V, ID = -5A
Gate-Source Charge
Qgs
1.0
VDS = 15V, VGS = -10V, ID = -5A
Gate-Drain Charge
Qgd
2.5
nC
VDS = 15V, VGS = -10V, ID = -5A
Notes:
5. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DMC3035LSD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC3032LFDB DIODES-DMC3032LFDB Datasheet
782Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2022
DMC3032LFDB-13 DIODES-DMC3032LFDB-13 Datasheet
782Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2022
DMC3032LFDB-7 DIODES-DMC3032LFDB-7 Datasheet
782Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2022
DMC3032LSD DIODES-DMC3032LSD Datasheet
188Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD-13 DIODES-DMC3032LSD-13 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC3035LSD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com