Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN66D0LDW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN66D0LDW
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN66D0LDW Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN66D0LDW Datasheet HTML 1Page - Diodes Incorporated DMN66D0LDW Datasheet HTML 2Page - Diodes Incorporated DMN66D0LDW Datasheet HTML 3Page - Diodes Incorporated DMN66D0LDW Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMN66D0LDW
Document number: DS31232 Rev. 4 - 2
1 of 4
www.diodes.com
February 2008
© Diodes Incorporated
DMN66D0LDW
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
Dual N-Channel MOSFET
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Small Surface Mount Package
ESD Protected Gate, 1KV (HBM)
Lead Free/RoHS Compliant (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
Terminal Connections: See Diagram
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.006 grams (approximate)
SOT-363
S
1
D
1
D
2
S
2
G
1
G
2
ESD PROTECTED, 1KV
Internal Schematic
TOP VIEW
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage (Note 1)
Continuous
VGSS
±20
V
Drain Current (Note 1)
Continuous
Continuous @ 100°C
Pulsed
ID
115
73
800
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation
Derating above TA = 25°C (Note 1)
PD
250
1.6
mW
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
500
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 3)
Drain-Source Breakdown Voltage
BVDSS
60
70
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
@ TC = 25°C
@ TC = 125°C
IDSS
1.0
500
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
±5
μA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
1.2
2.0
V
VDS = VGS, ID = 250μA
VGS = 5.0V, ID = 0.115A
Static Drain-Source On-Resistance
@ Tj = 25°C
@ Tj = 125°C
RDS (ON)
3.5
3.0
6
5
Ω
VGS = 10V, ID = 0.115A
Forward Transconductance
gFS
80
mS
VDS = 10V, ID = 0.115A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
23
pF
Output Capacitance
Coss
3.4
pF
Reverse Transfer Capacitance
Crss
1.4
pF
VDS = 25V, VGS = 0V, f = 1.0MHz
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
10
ns
Turn-Off Delay Time
tD(OFF)
33
ns
VDD = 30V, ID = 0.115A, RL = 150Ω,
VGEN = 10V, RGEN = 25Ω
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Short duration pulse test used to minimize self-heating effect.
Please click here to visit our online spice models database.


Similar Part No. - DMN66D0LDW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN66D0LDWQ DIODES-DMN66D0LDWQ Datasheet
630Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
December 2020 Rev. 2 - 2
DMN66D0LDWQ-13 DIODES-DMN66D0LDWQ-13 Datasheet
630Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
December 2020 Rev. 2 - 2
DMN66D0LDWQ-7 DIODES-DMN66D0LDWQ-7 Datasheet
630Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
December 2020 Rev. 2 - 2
DMN66D0LDW DIODES-DMN66D0LDW_15 Datasheet
233Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN66D0LDW

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com