Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXT2222A-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DXT2222A-13
Description  NPN SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT2222A-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DXT2222A-13 Datasheet HTML 1Page - Diodes Incorporated DXT2222A-13 Datasheet HTML 2Page - Diodes Incorporated DXT2222A-13 Datasheet HTML 3Page - Diodes Incorporated DXT2222A-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information (Note 5)
Device
Packaging
Shipping
DXT2222A-13
SOT89-3L
2500/Tape & Reel
Notes:
5.
For packaging details, go to our website at http://www.diodes.com/ap02007.pdf.
Marking Information
K1P
YWW
(Top View)
= Manufacturer’s code marking
K1P = Product Type Marking Code
YWW = Date Code Marking
Y = Last digit of year ex: 7 = 2007
WW = Week code 01 - 52
Package Outline Dimensions
e
D
H
L
A
C
E
(4X
)
B1
B
D1
R
0.
20
0
SOT89-3L
Dim
Min
Max
Typ
A
1.40
1.60
1.50
B
0.45
0.55
0.50
B1
0.37
0.47
0.42
C
0.35
0.43
0.38
D
4.40
4.60
4.50
D1
1.50
1.70
1.60
E
2.40
2.60
2.50
e
1.50
H
3.95
4.25
4.10
L
0.90
1.20
1.05
All Dimensions in mm
Suggested Pad Layout
3.0
0.9
2.7
0.4
1.7
1.3
1.9
Unit: mm
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
DS31156 Rev. 3 - 2
4 of 4
www.diodes.com
DXT2222A
© Diodes Incorporated


Similar Part No. - DXT2222A-13

ManufacturerPart #DatasheetDescription
logo
Dc Components
DXT2222A DCCOM-DXT2222A Datasheet
238Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Diodes Incorporated
DXT2222A DIODES-DXT2222A_15 Datasheet
357Kb / 6P
   40V NPN SURFACE MOUNT TRANSISTOR IN SOT89
More results

Similar Description - DXT2222A-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
   NPN SURFACE MOUNT TRANSISTOR
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT3150 DIODES-DZT3150 Datasheet
233Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DCP56 DIODES-DCP56 Datasheet
203Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT491 DIODES-DZT491 Datasheet
259Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD1621T DIODES-2DD1621T Datasheet
211Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com