Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCX52 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DCX52
Description  PNP SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX52 Datasheet(HTML) 1 Page - Diodes Incorporated

  DCX52 Datasheet HTML 1Page - Diodes Incorporated DCX52 Datasheet HTML 2Page - Diodes Incorporated DCX52 Datasheet HTML 3Page - Diodes Incorporated DCX52 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DCX52/-16
PNP SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Complementary NPN Type Available (DCX55)
Ideally Suited for Automated Assembly Processes
Ideal for Medium Power Switching or Amplification Applications
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: SOT89-3L
Case Material: Molded Plastic, "Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Finish — Matte Tin annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Marking & Type Code Information: See Page 3
Ordering Information: See Page 3
Weight: 0.072 grams (approximate)
SOT89-3L
3
1
2,4
COLLECTOR
EMITTER
BASE
4
3
2
1
C
C
B
E
TOP VIEW
Schematic and Pin Configuration
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-1.5
A
Continuous Collector Current
IC
-1
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3) @ TA = 25°C
PD
1
W
Thermal Resistance, Junction to Ambient Air @ TA = 25°C
(Note 3)
RθJA
125
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-60
V
IC = -100μA, IE = 0A
Collector-Emitter Breakdown Voltage
V(BR)CEO
-60
V
IC = -10mA, IB = 0A
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
V
IE = -10μA, IC = 0A
Collector Cut-off Current
ICBO
-100
-20
nA
μA
VCB = -30V, IE = 0
VCB = -30V, IE = 0, TA = 150°C
Emitter Cut-off Current
IEBO
-100
nA
VEB = -5V, IC = 0A
ON CHARACTERISTICS (Note 4)
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.5
V
IC = -500mA, IB = -50mA
Base-Emitter Turn-On Voltage
VBE(ON)
-1.0
V
IC = -500mA, VCE = -2V
DCX52, DCX52-16
63
40
IC = -5mA, VCE = -2V
IC = -500mA, VCE = -2V
DCX52
63
250
IC = -150mA, VCE = -2V
DC Current Gain
DCX52-16
hFE
100
250
IC = -150mA, VCE = -2V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
200
MHz
IC = -50mA, VCE = -5V,
f = 100MHz
Output Capacitance
Cobo
25
pF
VCB = -10V, f = 1MHz
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB; pad layout as shown on page 4 or in Diodes Inc. suggested pad layout document AP02001, which can
be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
4.
Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
DS31155 Rev. 4 - 2
1 of 4
www.diodes.com
DCX52/-16
© Diodes Incorporated


Similar Part No. - DCX52

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX51 DIODES-DCX51 Datasheet
229Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCX51-13 DIODES-DCX51-13 Datasheet
229Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCX51-16 DIODES-DCX51-16 Datasheet
229Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCX51-16-13 DIODES-DCX51-16-13 Datasheet
229Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCX53 DIODES-DCX53 Datasheet
235Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DCX52

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
2DA1797 DIODES-2DA1797 Datasheet
111Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DXT2907A DIODES-DXT2907A_15 Datasheet
191Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DXT5401 DIODES-DXT5401_15 Datasheet
126Kb / 5P
   PNP SURFACE MOUNT TRANSISTOR
logo
Leshan Radio Company
L2SD882Q LRC-L2SD882Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DZT953 DIODES-DZT953 Datasheet
203Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 5 - 2
DZTA92 DIODES-DZTA92 Datasheet
251Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCP51 DIODES-DCP51 Datasheet
189Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com