Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZT953 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DZT953
Description  PNP SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT953 Datasheet(HTML) 3 Page - Diodes Incorporated

  DZT953 Datasheet HTML 1Page - Diodes Incorporated DZT953 Datasheet HTML 2Page - Diodes Incorporated DZT953 Datasheet HTML 3Page - Diodes Incorporated DZT953 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
100
200
300
400
0.01
0.1
1
10
-I , COLLECTOR CURRENT(A)
C
T = 85 C
A
°
T = 150 C
A
°
T = 25 C
A
°
V
= -1V
CE
T = -55 C
A
°
Fig. 3 Typical DC Current Gain vs. Collector Current
0
0.2
0.4
0.6
0.8
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
T = 150 C
A
°
T = 85 C
A
°
I/I = 10
CB
T = -55 C
A
°
T = 25 C
A
°
Fig. 4 Collector-Emitter Saturation Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
T = -55 C
A
°
T = 150 C
A
°
T = 85 C
A
°
T = 25 C
A
°
V
= -1V
CE
Fig. 5 Base-Emitter Turn-On Voltage vs. Collector Current
-I , COLLECTOR CURRENT (A)
C
T = -55 C
A
°
T = 150 C
A
°
T = 85 C
A
°
T = 25 C
A
°
I/I = 10
CB
Fig. 6 Base-Emitter Saturation Voltage vs. Collector Current
Ordering Information (Note 5)
Device
Valid Marking Codes
Packaging
Shipping
DZT953-13
DZT953
SOT-223
2500/Tape & Reel
DZT953-13
PT06
SOT-223
2500/Tape & Reel
Notes:
5.
Packaging Details as shown on page 4, or go to our website at http://www.diodes.com/ap2007.pdf.
Marking Information
DZT953
YM
(Top View)
DZT953 or PT06= Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
DS30941 Rev. 6 - 2
3 of 4
www.diodes.com
DZT953
© Diodes Incorporated


Similar Part No. - DZT953

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT953 DIODES-DZT953 Datasheet
203Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 5 - 2
DZT953-13 DIODES-DZT953-13 Datasheet
203Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 5 - 2
More results

Similar Description - DZT953

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
2DA1797 DIODES-2DA1797 Datasheet
111Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DXT2907A DIODES-DXT2907A_15 Datasheet
191Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DXT5401 DIODES-DXT5401_15 Datasheet
126Kb / 5P
   PNP SURFACE MOUNT TRANSISTOR
logo
Leshan Radio Company
L2SD882Q LRC-L2SD882Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DZT953 DIODES-DZT953 Datasheet
203Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 5 - 2
DZTA92 DIODES-DZTA92 Datasheet
251Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCP51 DIODES-DCP51 Datasheet
189Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com