Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD3S140 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PD3S140
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S140 Datasheet(HTML) 3 Page - Diodes Incorporated

  PD3S140 Datasheet HTML 1Page - Diodes Incorporated PD3S140 Datasheet HTML 2Page - Diodes Incorporated PD3S140 Datasheet HTML 3Page - Diodes Incorporated PD3S140 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PD3S140
Document number: DS30862 Rev. 10 - 2
3 of 4
www.diodes.com
July 2009
© Diodes Incorporated
PD3S140
PowerDI is a registered trademark of Diodes Incorporated.
Ordering Information (Note 5)
Part Number
Case
Packaging
PD3S140-7
PowerDI
®323
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
Suggested Pad Layout
PowerDI
®323
Dim
Min
Max
Typ
A
2.40
2.60
2.50
B
1.85
1.95
1.90
C
1.20
1.30
1.25
D
0.60
0.70
0.65
E
0.78
0.98
0.88
E1
0.50
0.70
0.60
E2
0.60
1.00
0.80
H
0.08
0.18
0.13
L
0.20
0.40
0.30
L1
1.40
L3
0.20
L4
0.40
0.80
0.60
All Dimensions in mm
Dimensions
Value (in mm)
G
0.5
X1
2.0
X2
0.8
Y1
0.8
Y2
1.1
33 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: U = 2006)
M = Month (ex: 9 = September)
33
B
C
E
L1
L
L
H
D
L1
L3
A
L4
E1
E2
X
G
X1
Y2
Y1


Similar Part No. - PD3S140

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3S140 DIODES-PD3S140 Datasheet
88Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI 323
DS30862 Rev. 7 - 2
PD3S140-7 DIODES-PD3S140-7 Datasheet
88Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI 323
DS30862 Rev. 7 - 2
PD3S140-7 DIODES-PD3S140-7 Datasheet
113Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰
PD3S140Q DIODES-PD3S140Q Datasheet
210Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
PD3S140Q-7 DIODES-PD3S140Q-7 Datasheet
113Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERDI짰
More results

Similar Description - PD3S140

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160 DIODES-PD3S160_08 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com