Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BLD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC847BLD
Description  SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BLD Datasheet(HTML) 3 Page - Diodes Incorporated

  BC847BLD_1 Datasheet HTML 1Page - Diodes Incorporated BC847BLD_1 Datasheet HTML 2Page - Diodes Incorporated BC847BLD_1 Datasheet HTML 3Page - Diodes Incorporated BC847BLD_1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 4 Typical V
vs. I
C
CE(SAT)
C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
I/I =10
cb
T = 150°C
A
T = 85°C
A
T = 25°C
A
T = 125°C
A
T = -55°C
A
1
1
V
, COLLECTOR EMITTER VOLTAGE (V)
Fig. 3 Typical I vs. V
CE
CCE
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.2
0.4 0.6 0.8
1.2 1.4 1.6
1.8
2
I = 4mA
b
I 1.5mA
b
I = 1mA
b
I = 0.5mA
b
I = 2mA
b
I
3.5mA
b =
I = 3mA
b
I = 4.5mA
b
I
2.5mA
b =
I
5mA
b =
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 6 Typical V
vs. I
C
BE(SAT)
C
0
0.1
I/I =10
cb
T = -55°C
A
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 5 Typical V
vs. I
C
BE
C
0
0.1
V= 1V
CE
T = -55°C
A
T = 150°C
A
T = 85°C
A
T = 125°C
A
T = 25°C
A
Ordering Information (Note 5)
DS30824 Rev. 4 - 2
3 of 4
www.diodes.com
BC847BLD
© Diodes Incorporated
Device
Packaging
Shipping
BC847BLD-7
SOT-23
3000/Tape & Reel
Notes:
5.
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KLD = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
KLD
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D


Similar Part No. - BC847BLD_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BLD-7 DIODES-BC847BLD-7 Datasheet
100Kb / 5P
   SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
DS30824 Rev. 3 - 2
More results

Similar Description - BC847BLD_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BLD DIODES-BC847BLD Datasheet
100Kb / 5P
   SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
DS30824 Rev. 3 - 2
logo
OPTEK Technologies
OP755A OPTEK-OP755A Datasheet
305Kb / 2P
   NPN Photo transistor with Base-Emitter Resistor
logo
TAITRON Components Inco...
2N5551 TAITRON-2N5551 Datasheet
155Kb / 4P
   Small Signal High Voltage Transistor (NPN)
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
Central Semiconductor C...
CP318V CENTRAL-CP318V Datasheet
126Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP316 CENTRAL-CP316 Datasheet
211Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP336V CENTRAL-CP336V Datasheet
731Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com