Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1635M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1635M
Description  Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1635M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1635M Datasheet HTML 1Page - Sanyo Semicon Device LB1635M Datasheet HTML 2Page - Sanyo Semicon Device LB1635M Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics at Ta=25 °C, VCC =VS =3 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current
ICC0VIN 1,2=0V
ICC +IS
10
µA
ICC1VIN 1=3V,VIN 2=0V
ICC +IS
15
mA
ICC2VIN 1,2=3 V
ICC +IS
30
mA
Output saturation voltage
(upper + lower)
VOUT1IOUT = 100 mA
0.25
0.5
V
VOUT2IOUT = 200 mA
0.50
1.0
V
Output pin voltage difference
IO = 100 mA
–20
0
+20
%
Output sustain voltage
VO (sus)
IOUT = 200 mA
9
V
Input current
IIN
VIN =7 V, VCC = 7 V
0.5
mA
[Spark killer diode]
Reverse current
IS (leak)
VCC,VS =7 V
10
µA
Forward voltage
VSF
IOUT = 200 mA
1.7
V
Pin Assignment
Top view
Note: both ground pins must be grounded.
Truth Table
IN 1
IN 2
OUT 1
OUT 2
Mode
H
L
H
L
Forward
L
H
L
H
Reverse
H
H
L
L
Brake
L
L
OFF
OFF
Standby
Pd max – Ta
With board (30
× 30 × 1.5 mm3)
Independent IC
Ambient temperature, Ta – °C
LB1635M
No.3514-2/3


Similar Part No. - LB1635M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1630 SANYO-LB1630 Datasheet
53Kb / 2P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1630M SANYO-LB1630M Datasheet
54Kb / 2P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
logo
List of Unclassifed Man...
LB1633M ETC-LB1633M Datasheet
111Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
Sanyo Semicon Device
LB1634 SANYO-LB1634 Datasheet
86Kb / 5P
   Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
   Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
More results

Similar Description - LB1635M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1636M SANYO-LB1636M Datasheet
54Kb / 2P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1638 SANYO-LB1638 Datasheet
57Kb / 4P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M-TLM-E ONSEMI-LB1836M-TLM-E Datasheet
76Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M-MPB-E ONSEMI-LB1836M-MPB-E Datasheet
76Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M_12 Datasheet
127Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1830M SANYO-LB1830M Datasheet
36Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
List of Unclassifed Man...
LB1633M ETC-LB1633M Datasheet
111Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
Sanyo Semicon Device
LB1630 SANYO-LB1630 Datasheet
53Kb / 2P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com