Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3030SN-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP3030SN-7
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3030SN-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP3030SN-7 Datasheet HTML 1Page - Diodes Incorporated DMP3030SN-7 Datasheet HTML 2Page - Diodes Incorporated DMP3030SN-7 Datasheet HTML 3Page - Diodes Incorporated DMP3030SN-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMP3030SN
Fig. 8 Typical Total Capacitance
10
100
1,000
0
5
10
15
20
25
30
-V , DRAIN-SOURCE VOLTAGE (V)
DS
f = 1MHz
V
= 0V
GS
T = 25°C
A
CRSS
COSS
CISS
Ordering Information (Note 6)
Part Number
Case
Packaging
DMP3030SN-7
SC-59
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PS2
PS2 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
A
M
J
L
D
E
B C
H
K
G
TOP VIEW
N
SC-59
Dim
Min
Max
A
0.35
0.50
B
1.50
1.70
C
2.70
3.00
D
0.95
E
G
1.90
H
2.90
3.10
J
0.013
0.10
K
1.00
1.30
L
0.35
0.55
M
0.10
0.20
N
0.70
0.80
α
All Dimensions in mm
DMP3030SN
Document number: DS30787 Rev. 3 - 2
3 of 4
www.diodes.com
November 2007
© Diodes Incorporated


Similar Part No. - DMP3030SN-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3030SN-7 DIODES-DMP3030SN-7 Datasheet
221Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30787 Rev. 2 - 2
More results

Similar Description - DMP3030SN-7

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com