Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA128A Datasheet(PDF) 54 Page - ATMEL Corporation

Part # ATMEGA128A
Description  Write/Erase cycles: 10,000 Flash/100,000 EEPROM
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128A Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button ATMEGA128A Datasheet HTML 50Page - ATMEL Corporation ATMEGA128A Datasheet HTML 51Page - ATMEL Corporation ATMEGA128A Datasheet HTML 52Page - ATMEL Corporation ATMEGA128A Datasheet HTML 53Page - ATMEL Corporation ATMEGA128A Datasheet HTML 54Page - ATMEL Corporation ATMEGA128A Datasheet HTML 55Page - ATMEL Corporation ATMEGA128A Datasheet HTML 56Page - ATMEL Corporation ATMEGA128A Datasheet HTML 57Page - ATMEL Corporation ATMEGA128A Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 386 page
background image
54
8151G–AVR–07/10
ATmega128A
Figure 10-5. Brown-out Reset During Operation
10.2.4
Watchdog Reset
When the Watchdog times out, it will generate a short reset pulse of 1 CK cycle duration. On the
falling edge of this pulse, the delay timer starts counting the Time-out period t
TOUT. Refer to
“Watchdog Timer” on page 55 for details on operation of the Watchdog Timer.
Figure 10-6. Watchdog Reset During Operation
10.3
Internal Voltage Reference
ATmega128A features an internal bandgap reference. This reference is used for Brown-out
Detection, and it can be used as an input to the Analog Comparator or the ADC. The 2.56V ref-
erence to the ADC is generated from the internal bandgap reference.
10.3.1
Voltage Reference Enable Signals and Start-up Time
The voltage reference has a start-up time that may influence the way it should be used. The
start-up time is given in “System and Reset Characteristics” on page 323. To save power, the
reference is not always turned on. The reference is on during the following situations:
1.
When the BOD is enabled (by programming the BODEN fuse).
2.
When the bandgap reference is connected to the Analog Comparator (by setting the
ACBG bit in ACSR).
3.
When the ADC is enabled.
Thus, when the BOD is not enabled, after setting the ACBG bit or enabling the ADC, the user
must always allow the reference to start up before the output from the Analog Comparator or
VCC
RESET
TIME-OUT
INTERNAL
RESET
VBOT-
VBOT+
tTOUT
CK
CC


Similar Part No. - ATMEGA128A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A ATMEL-ATMEGA128A Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
ATMEGA128A-AU ATMEL-ATMEGA128A-AU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-AUR ATMEL-ATMEGA128A-AUR Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-MU ATMEL-ATMEGA128A-MU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA128A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS24B33 MAXIM-DS24B33 Datasheet
243Kb / 22P
   4Kb 1-Wire EEPROM with 200k Write/Erase Cycles
Rev 0; 2/11
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
MG64F225 MEGAWIN-MG64F225 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
Grayhill, Inc
23C1024-1 GRAYHILL-23C1024-1 Datasheet
57Kb / 1P
   Momentary Contact 100,000 Cycles of Operation
logo
C&K Components
CCM01MK2 CK-COMPONENTS-CCM01MK2 Datasheet
122Kb / 2P
   Operating life up to 100,000 cycles
logo
ATMEL Corporation
AT89C51CC03 ATMEL-AT89C51CC03_14 Datasheet
327Kb / 7P
   Read/Write Flash and EEPROM Memories
T89C51CC01 ATMEL-T89C51CC01_14 Datasheet
346Kb / 32P
   Read/Write Flash and EEPROM Memories
AT89C51AC2 ATMEL-AT89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
T89C51AC2 ATMEL-T89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
195Kb / 28P
   Read/Write Flash and EEPROM on-chip memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com