Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA128A Datasheet(PDF) 100 Page - ATMEL Corporation

Part # ATMEGA128A
Description  Write/Erase cycles: 10,000 Flash/100,000 EEPROM
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128A Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button ATMEGA128A Datasheet HTML 96Page - ATMEL Corporation ATMEGA128A Datasheet HTML 97Page - ATMEL Corporation ATMEGA128A Datasheet HTML 98Page - ATMEL Corporation ATMEGA128A Datasheet HTML 99Page - ATMEL Corporation ATMEGA128A Datasheet HTML 100Page - ATMEL Corporation ATMEGA128A Datasheet HTML 101Page - ATMEL Corporation ATMEGA128A Datasheet HTML 102Page - ATMEL Corporation ATMEGA128A Datasheet HTML 103Page - ATMEL Corporation ATMEGA128A Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 386 page
background image
100
8151G–AVR–07/10
ATmega128A
togram for illustrating the single-slope operation. The diagram includes non-inverted and
inverted PWM outputs. The small horizontal line marks on the TCNT0 slopes represent compare
matches between OCR0 and TCNT0.
Figure 14-6. Fast PWM Mode, Timing Diagram
The Timer/Counter overflow flag (TOV0) is set each time the counter reaches Max If the interrupt
is enabled, the interrupt handler routine can be used for updating the compare value.
In fast PWM mode, the compare unit allows generation of PWM waveforms on the OC0 pin. Set-
ting the COM01:0 bits to 2 will produce a non-inverted PWM and an inverted PWM output can
be generated by setting the COM01:0 to 3 (See Table 14-4 on page 108). The actual OC0 value
will only be visible on the port pin if the data direction for the port pin is set as output. The PWM
waveform is generated by setting (or clearing) the OC0 Register at the compare match between
OCR0 and TCNT0, and clearing (or setting) the OC0 Register at the timer clock cycle the coun-
ter is cleared (changes from MAX to BOTTOM).
The PWM frequency for the output can be calculated by the following equation:
The N variable represents the prescale factor (1, 8, 32, 64, 128, 256, or 1024).
The extreme values for the OCR0 Register represent special cases when generating a PWM
waveform output in the fast PWM mode. If the OCR0 is set equal to BOTTOM, the output will be
a narrow spike for each MAX+1 timer clock cycle. Setting the OCR0 equal to MAX will result in a
constantly high or low output (depending on the polarity of the output set by the COM01:0 bits.)
A frequency (with 50% duty cycle) waveform output in fast PWM mode can be achieved by set-
ting OC0 to toggle its logical level on each compare match (COM01:0 = 1). The waveform
generated will have a maximum frequency of f
oc0 = fclk_I/O/2 when OCR0 is set to zero. This fea-
ture is similar to the OC0 toggle in CTC mode, except the double buffer feature of the output
compare unit is enabled in the fast PWM mode.
TCNTn
OCRn Update
and
TOVn Interrupt Flag Set
1
Period
2
3
OCn
OCn
(COMn1:0 = 2)
(COMn1:0 = 3)
OCRn Interrupt Flag Set
4
5
6
7
fOCnPWM
f
clk_I/O
N 256
------------------
=


Similar Part No. - ATMEGA128A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A ATMEL-ATMEGA128A Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
ATMEGA128A-AU ATMEL-ATMEGA128A-AU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-AUR ATMEL-ATMEGA128A-AUR Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-MU ATMEL-ATMEGA128A-MU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA128A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS24B33 MAXIM-DS24B33 Datasheet
243Kb / 22P
   4Kb 1-Wire EEPROM with 200k Write/Erase Cycles
Rev 0; 2/11
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
MG64F225 MEGAWIN-MG64F225 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
Grayhill, Inc
23C1024-1 GRAYHILL-23C1024-1 Datasheet
57Kb / 1P
   Momentary Contact 100,000 Cycles of Operation
logo
C&K Components
CCM01MK2 CK-COMPONENTS-CCM01MK2 Datasheet
122Kb / 2P
   Operating life up to 100,000 cycles
logo
ATMEL Corporation
AT89C51CC03 ATMEL-AT89C51CC03_14 Datasheet
327Kb / 7P
   Read/Write Flash and EEPROM Memories
T89C51CC01 ATMEL-T89C51CC01_14 Datasheet
346Kb / 32P
   Read/Write Flash and EEPROM Memories
AT89C51AC2 ATMEL-AT89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
T89C51AC2 ATMEL-T89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
195Kb / 28P
   Read/Write Flash and EEPROM on-chip memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com