Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA128A Datasheet(PDF) 91 Page - ATMEL Corporation

Part # ATMEGA128A
Description  Write/Erase cycles: 10,000 Flash/100,000 EEPROM
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA128A Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button ATMEGA128A Datasheet HTML 87Page - ATMEL Corporation ATMEGA128A Datasheet HTML 88Page - ATMEL Corporation ATMEGA128A Datasheet HTML 89Page - ATMEL Corporation ATMEGA128A Datasheet HTML 90Page - ATMEL Corporation ATMEGA128A Datasheet HTML 91Page - ATMEL Corporation ATMEGA128A Datasheet HTML 92Page - ATMEL Corporation ATMEGA128A Datasheet HTML 93Page - ATMEL Corporation ATMEGA128A Datasheet HTML 94Page - ATMEL Corporation ATMEGA128A Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 386 page
background image
91
8151G–AVR–07/10
ATmega128A
cleared by writing a logical one to its Interrupt Flag bit (INTFn) in the EIFR Register before the
interrupt is re-enabled.
Note:
1. n = 3, 2, 1or 0.
When changing the ISCn1/ISCn0 bits, the interrupt must be disabled by clearing its Interrupt
Enable bit in the EIMSK Register. Otherwise an interrupt can occur when the bits are changed.
13.1.2
EICRB - External Interrupt Control Register B
• Bits 7:0 – ISC71, ISC70 - ISC41, ISC40: External Interrupt 7 - 4 Sense Control Bits
The External Interrupts 7 - 4 are activated by the external pins INT7:4 if the SREG I-flag and the
corresponding interrupt mask in the EIMSK is set. The level and edges on the external pins that
activate the interrupts are defined in Table 13-3. The value on the INT7:4 pins are sampled
before detecting edges. If edge or toggle interrupt is selected, pulses that last longer than one
clock period will generate an interrupt. Shorter pulses are not guaranteed to generate an inter-
rupt. Observe that CPU clock frequency can be lower than the XTAL frequency if the XTAL
divider is enabled. If low level interrupt is selected, the low level must be held until the comple-
tion of the currently executing instruction to generate an interrupt. If enabled, a level triggered
interrupt will generate an interrupt request as long as the pin is held low.
Note:
1. n = 7, 6, 5 or 4.
When changing the ISCn1/ISCn0 bits, the interrupt must be disabled by clearing its Interrupt
Enable bit in the EIMSK Register. Otherwise an interrupt can occur when the bits are changed.
Table 13-1.
Interrupt Sense Control
(1)
ISCn1
ISCn0
Description
0
0
The low level of INTn generates an interrupt request.
01
Reserved
1
0
The falling edge of INTn generates asynchronously an interrupt request.
1
1
The rising edge of INTn generates asynchronously an interrupt request.
Table 13-2.
Asynchronous External Interrupt Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
tINT
Minimum pulse width for asynchronous
external interrupt
50
ns
Bit
76543210
ISC71
ISC70
ISC61
ISC60
ISC51
ISC50
ISC41
ISC40
EICRB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
00000000
Table 13-3.
Interrupt Sense Control
(1)
ISCn1
ISCn0
Description
0
0
The low level of INTn generates an interrupt request.
0
1
Any logical change on INTn generates an interrupt request
1
0
The falling edge between two samples of INTn generates an interrupt request.
1
1
The rising edge between two samples of INTn generates an interrupt request.


Similar Part No. - ATMEGA128A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A ATMEL-ATMEGA128A Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
ATMEGA128A-AU ATMEL-ATMEGA128A-AU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-AUR ATMEL-ATMEGA128A-AUR Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128A-MU ATMEL-ATMEGA128A-MU Datasheet
561Kb / 22P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA128A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS24B33 MAXIM-DS24B33 Datasheet
243Kb / 22P
   4Kb 1-Wire EEPROM with 200k Write/Erase Cycles
Rev 0; 2/11
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
MG64F225 MEGAWIN-MG64F225 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
Grayhill, Inc
23C1024-1 GRAYHILL-23C1024-1 Datasheet
57Kb / 1P
   Momentary Contact 100,000 Cycles of Operation
logo
C&K Components
CCM01MK2 CK-COMPONENTS-CCM01MK2 Datasheet
122Kb / 2P
   Operating life up to 100,000 cycles
logo
ATMEL Corporation
AT89C51CC03 ATMEL-AT89C51CC03_14 Datasheet
327Kb / 7P
   Read/Write Flash and EEPROM Memories
T89C51CC01 ATMEL-T89C51CC01_14 Datasheet
346Kb / 32P
   Read/Write Flash and EEPROM Memories
AT89C51AC2 ATMEL-AT89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
T89C51AC2 ATMEL-T89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
195Kb / 28P
   Read/Write Flash and EEPROM on-chip memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com