Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM6CC-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDM6CC-7
Description  SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM6CC-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  SDM6CC-7 Datasheet HTML 1Page - Diodes Incorporated SDM6CC-7 Datasheet HTML 2Page - Diodes Incorporated SDM6CC-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SDM6CC
Document number: DS30775 Rev. 7 - 2
1 of 3
www.diodes.com
June 2008
© Diodes Incorporated
SDM6CC
SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
Features
Low Forward Voltage Drop
Fast Switching
Very High Density (Six diode Elements in a sub-miniature
Package)
Lead Free/RoHS Compliant (Note 2)
"Green" Device (Note 3)
Mechanical Data
Case: DFN1616-6
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (NiPdAu Finish annealed over Copper
leadframe).
Polarity: Pin 1 Dot and Center Pad notch, See diagram
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.004 grams (approximate)
Top View
Device Schematic
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current
IFM
200
mA
Non-Repetitive Peak Forward Surge Current
@ t < 1.0s
IFSM
625
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (total package)
PD
250
mW
Thermal Resistance Junction to Ambient Air
RθJA
400
°C/W
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
30
V
IR = 100μA
Forward Voltage
VF
260
525
300
360
460
570
mV
IF = 0.1mA
IF = 1.0mA
IF = 10mA
IF = 30mA
Reverse Current (Note 1)
IR
25
30
35
100
125
150
500
700
nA
nA
nA
nA
VR = 1V
VR = 2V
VR = 5V
VR = 30V
Reverse Recovery Time
trr
5.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1.
Short duration pulse test used to minimize self-heating effect.
2.
No purposefully added lead.
3.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
Please click here to visit our online spice models database.


Similar Part No. - SDM6CC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM6CC-7 DIODES-SDM6CC-7 Datasheet
87Kb / 3P
   SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
DS30775 Rev. 6 - 2
More results

Similar Description - SDM6CC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM6CC DIODES-SDM6CC_15 Datasheet
122Kb / 3P
   SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
SDM6CC DIODES-SDM6CC Datasheet
87Kb / 3P
   SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
DS30775 Rev. 6 - 2
MMBD4148PLM DIODES-MMBD4148PLM_15 Datasheet
123Kb / 3P
   FIVE ELEMENT COMMON CATHODE SWITCHING DIODE ARRAY
MMBD4148PLM DIODES-MMBD4148PLM Datasheet
123Kb / 3P
   FIVE ELEMENT COMMON CATHODE SWITCHING DIODE ARRAY
logo
OPTEK Technologies
OPR2101 OPTEK-OPR2101 Datasheet
368Kb / 2P
   Six Element Photodiode Array in
OPR2100L OPTEK-OPR2100L Datasheet
278Kb / 1P
   Six Element SMD LED Array
OPR2100 OPTEK-OPR2100 Datasheet
117Kb / 1P
   Six Element SMD Photodiode Array
logo
TT Electronics.
OPR2100 TTELEC-OPR2100 Datasheet
527Kb / 2P
   Six-Element SMD Photodiode Array
OPR2101 TTELEC-OPR2101 Datasheet
842Kb / 2P
   Six-Element SMD Photodide Array
logo
ON Semiconductor
NSDEMN11XV6T1 ONSEMI-NSDEMN11XV6T1 Datasheet
50Kb / 6P
   Common Cathode Quad Array Switching Diode
February, 2003 - Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com