Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA16U4PRE Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATMEGA16U4PRE
Description  Optional Boot Code Section with Independent Lock Bits
Download  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16U4PRE Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATMEGA16U4PRE Datasheet HTML 37Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 38Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 39Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 40Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 41Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 42Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 43Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 44Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 433 page
background image
41
7766E–AVR–04/10
ATmega16U4/ATmega32U4
• Bit 7– PINMUX: PLL Input Multiplexer
This bit selects the clock input of the PLL:
– PINMUX = 0: the PLL input is connected to the PLL Prescaler, that has the Primary
System Clock as source
– PINMUX = 1: the PLL input is directly connected to the Internal Calibrated 8MHz RC
Oscillator. This mode allows to work in USB Low Speed mode with no crystal or
using a crystal with a value different of 8/16MHz.
• Bit 6– PLLUSB: PLL Postcaler for USB Peripheral
This bit select the division factor between the PLL output frequency and the USB module input
frequency:
– PLLUSB = 0: no division, direct connection (if PLL Output = 48 MHz)
– PLLUSB = 1: PLL Output frequency is divided by 2 and sent to USB module (if PLL
Output = 96MHz)
• Bit 5..4 – PLLTM1:0: PLL Postcaler for High Speed Timer
These bits codes for the division factor between the PLL Output Frequency and the High Speed
Timer input frequency.
Note that the division factor 1.5 will introduce some jitter in the clock, but keeping the error null
since the average duty cycle is 50%. See Figure 6-7 for more details.
Figure 6-7.
PLL Postcaler operation with division factor = 1.5
• Bit 3..0 – PDIV3:0 PLL Lock Frequency
These bits configure the PLL internal VCO clock reference according to the required output fre-
quency value.
PLLTM1
PLLTM0
PLL Postcaler Factor for High-Speed Timer
0
0
0 (Disconnected)
01
1
10
1.5
11
2
PDIV3
PDIV2
PDIV1
PDIV0
PLL Output Frequency
0
0
0
0
Not allowed
0
0
0
1
Not allowed
0
0
1
0
Not allowed
00
1
1
40 MHz
01
0
0
48 MHz
F
i
F
i x ---
2
3


Similar Part No. - ATMEGA16U4PRE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
598Kb / 23P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
194Kb / 28P
   USB DFU Bootloader
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
633Kb / 21P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATmega16U4 ATMEL-ATmega16U4 Datasheet
6Mb / 408P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
733Kb / 26P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
More results

Similar Description - ATMEGA16U4PRE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB1286 ATMEL-AT90USB1286_14 Datasheet
11Mb / 456P
   Optional Boot Code section with independent lock bits
AT89C51CC01 ATMEL-AT89C51CC01_14 Datasheet
1Mb / 167P
   Boot Code Section with Independent Lock Bits
AT89C51CC02 ATMEL-AT89C51CC02_14 Datasheet
1Mb / 159P
   Boot Code Section with Independent Lock Bits
T89C51CC02 ATMEL-T89C51CC02_14 Datasheet
1Mb / 7P
   Boot Code Section with Independent Lock Bits
logo
TT Electronics.
EN11 TTELEC-EN11 Datasheet
817Kb / 4P
   2 bits gray code
logo
ATMEL Corporation
AT73C239 ATMEL-AT73C239_14 Datasheet
475Kb / 31P
   Independent 2.5V to 3.6V Auxiliary Supply for Backup Section
logo
TE Connectivity Ltd
STXR40 TEC-STXR40 Datasheet
795Kb / 3P
   CODE 40 - TINEL-LOCK BACKSHELL
TXR15 TEC-TXR15 Datasheet
1Mb / 3P
   CODE 15 - TINEL-LOCK BACKSHELL
TXR40 TEC-TXR40 Datasheet
177Kb / 3P
   CODE 40 - TINEL-LOCK BACKSHELL
logo
WAGO Kontakttechnik Gmb...
750-630-000-008 WAGO-750-630-000-008 Datasheet
524Kb / 11P
   SSI transmitter interface; 25 bits; 125 kHz; Gray code
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com