Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA16U4PRE Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATMEGA16U4PRE
Description  Optional Boot Code Section with Independent Lock Bits
Download  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16U4PRE Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATMEGA16U4PRE Datasheet HTML 13Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 14Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 15Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 16Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 17Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 18Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 19Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 20Page - ATMEL Corporation ATMEGA16U4PRE Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 433 page
background image
17
7766E–AVR–04/10
ATmega16U4/ATmega32U4
4.8.1
Interrupt Response Time
The interrupt execution response for all the enabled AVR interrupts is five clock cycles minimum.
After five clock cycles the program vector address for the actual interrupt handling routine is exe-
cuted. During these five clock cycle period, the Program Counter is pushed onto the Stack. The
vector is normally a jump to the interrupt routine, and this jump takes three clock cycles. If an
interrupt occurs during execution of a multi-cycle instruction, this instruction is completed before
the interrupt is served. If an interrupt occurs when the MCU is in sleep mode, the interrupt exe-
cution response time is increased by five clock cycles. This increase comes in addition to the
start-up time from the selected sleep mode.
A return from an interrupt handling routine takes five clock cycles. During these five clock cycles,
the Program Counter (three bytes) is popped back from the Stack, the Stack Pointer is incre-
mented by three, and the I-bit in SREG is set.
Assembly Code Example
sei
; set Global Interrupt Enable
sleep
; enter sleep, waiting for interrupt
; note: will enter sleep before any pending
; interrupt(s)
C Code Example
__enable_interrupt(); /* set Global Interrupt Enable */
__sleep(); /* enter sleep, waiting for interrupt */
/* note: will enter sleep before any pending interrupt(s) */


Similar Part No. - ATMEGA16U4PRE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
598Kb / 23P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
194Kb / 28P
   USB DFU Bootloader
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
633Kb / 21P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATmega16U4 ATMEL-ATmega16U4 Datasheet
6Mb / 408P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA16U4 ATMEL-ATMEGA16U4 Datasheet
733Kb / 26P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
More results

Similar Description - ATMEGA16U4PRE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB1286 ATMEL-AT90USB1286_14 Datasheet
11Mb / 456P
   Optional Boot Code section with independent lock bits
AT89C51CC01 ATMEL-AT89C51CC01_14 Datasheet
1Mb / 167P
   Boot Code Section with Independent Lock Bits
AT89C51CC02 ATMEL-AT89C51CC02_14 Datasheet
1Mb / 159P
   Boot Code Section with Independent Lock Bits
T89C51CC02 ATMEL-T89C51CC02_14 Datasheet
1Mb / 7P
   Boot Code Section with Independent Lock Bits
logo
TT Electronics.
EN11 TTELEC-EN11 Datasheet
817Kb / 4P
   2 bits gray code
logo
ATMEL Corporation
AT73C239 ATMEL-AT73C239_14 Datasheet
475Kb / 31P
   Independent 2.5V to 3.6V Auxiliary Supply for Backup Section
logo
TE Connectivity Ltd
STXR40 TEC-STXR40 Datasheet
795Kb / 3P
   CODE 40 - TINEL-LOCK BACKSHELL
TXR15 TEC-TXR15 Datasheet
1Mb / 3P
   CODE 15 - TINEL-LOCK BACKSHELL
TXR40 TEC-TXR40 Datasheet
177Kb / 3P
   CODE 40 - TINEL-LOCK BACKSHELL
logo
WAGO Kontakttechnik Gmb...
750-630-000-008 WAGO-750-630-000-008 Datasheet
524Kb / 11P
   SSI transmitter interface; 25 bits; 125 kHz; Gray code
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com