Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMN200B02-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # LMN200B02-7
Description  200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMN200B02-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  LMN200B02-7 Datasheet HTML 1Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 2Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 3Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 4Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 5Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 6Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 7Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 8Page - Diodes Incorporated LMN200B02-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DS30658 Rev. 7 - 2
3 of 9
www.diodes.com
LMN200B02
© Diodes Incorporated
Electrical Characteristics: Pre-Biased PNP Transistor (Q1)
@TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Cut Off Current
ICBO
-100
nA
VCB = -50V, IE = 0
Collector-Emitter Cut Off Current
ICEO
-500
nA
VCE = -50V, IB = 0
Emitter-Base Cut Off Current
IEBO
-0.5
-1
mA
VEB = -5V, IC = 0
Collector-Base Breakdown Voltage
V(BR)CBO
-50
V
IC = -10 uA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-50
V
IC = -2 mA, IB = 0
Input Off Voltage
VI(OFF)
-0.55
-0.3
V
VCE = -5V, IC = -100uA
Output Voltage
VOH
-4.9
V
VCC = -5V, VB = -0.05V,
RL = 1K
Ouput Current (leakage current same as ICEO)
IO(OFF)
-500
nA
VCC = -50V, VI = 0V
ON CHARACTERISTICS
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.15
V
IC = -10 mA, IB = -0.5 mA
-0.2
V
IC = -50mA, IB = -5mA
-0.2
V
IC = -20mA, IB = -1mA
-0.25
V
IC = -100mA, IB= -10mA
-0.25
V
IC = -200mA, IB= -10mA
-0.3
V
IC = -200mA, IB = -20mA
Equivalent On-Resistance*
RCE(SAT)
1.5
Ω
IC = -200mA, IB = -10mA
DC Current Gain
hFE
60
150
VCE = -5V, IC = -20 mA
60
215
VCE = -5V, IC = -50 mA
60
245
VCE = -5V, IC = -100 mA
60
250
VCE = -5V, IC = -200 mA
Input On Voltage
VI(ON)
-2.45
-0.7
V
VO = -0.3V, IC = -2 mA
Output Voltage (equivalent to VCE(SAT) or VO(ON) )
VOL
-0.065
-0.15
V
VCC = -5V, VB = -2.5V,
Io/II = -50mA /-2.5mA
Input Current
Ii
-9
-28
mA
VI = -5V
Base-Emitter Turn-on Voltage
VBE(ON)
-1.13
-1.3
V
VCE = -5V, IC = 200mA
Base-Emitter Saturation Voltage
VBE(SAT)
-3.2
-3.6
V
IC = -50mA, IB = -5mA
-4.6
-5.5
IC = -80mA, IB = -8mA
Input Resistor (Base), +/- 30%
R2
0.47
K
Ω
Pull-up Resistor (Base to Vcc supply), +/- 30%
R1
10
K
Ω
Resistor Ratio (Input Resistor/Pull-up
resistor) +/- 20%
R1/R2
21
SMALL SIGNAL CHARACTERISTICS
Transition Frequency (Gain Bandwidth Product)
fT
200
MHz
VCE = -10V, IE = -5mA,
f = 100MHz
Collector Capacitance, (Ccbo-Output Capacitance)
CC
20
pF
VCB = -10V, IE = 0A,
f = 1MHz
* Pulse Test: Pulse width, tp<300
μS, Duty Cycle, d<=0.02


Similar Part No. - LMN200B02-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMN200B02-7 DIODES-LMN200B02-7 Datasheet
522Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH GATE PULL DOWN RESISTOR
DS30658 Rev. 4 - 2
More results

Similar Description - LMN200B02-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMN200B01 DIODES-LMN200B01 Datasheet
570Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH PULL DOWN RESISTOR
DS30651 Rev. 7 - 2
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
LMN400E01 DIODES-LMN400E01 Datasheet
549Kb / 10P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
LMN200B02 DIODES-LMN200B02 Datasheet
522Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH GATE PULL DOWN RESISTOR
DS30658 Rev. 4 - 2
DDTA122LU DIODES-DDTA122LU_1 Datasheet
116Kb / 3P
   PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30402 Rev. 6 - 2
DDTB122LU DIODES-DDTB122LU_2 Datasheet
115Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30400 Rev. 6 - 2
DDTB122LC DIODES-DDTB122LC_2 Datasheet
200Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30403 Rev. 6 - 2
DDTA122LE DIODES-DDTA122LE_1 Datasheet
176Kb / 3P
   PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30405 Rev. 6 - 2
LMN400B01 DIODES-LMN400B01 Datasheet
557Kb / 10P
   400mA LOAD SWITCH FEATURING PNP TRANSISTOR AND N-MOSFET WITH GATE PULL-DOWN RESISTOR
S30699 Rev. 5 - 2
NMSD200B01 DIODES-NMSD200B01 Datasheet
177Kb / 8P
   200 mA SYNCHRONOUS RECTIFIER FEATURING N-MOSFET AND SCHOTTKY DIODE
DS30911 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com