Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN601DMK Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN601DMK
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN601DMK Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN601DMK_07 Datasheet HTML 1Page - Diodes Incorporated DMN601DMK_07 Datasheet HTML 2Page - Diodes Incorporated DMN601DMK_07 Datasheet HTML 3Page - Diodes Incorporated DMN601DMK_07 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMN601DMK
Document number: DS30657 Rev. 4 - 2
1 of 4
www.diodes.com
December 2007
© Diodes Incorporated
DMN601DMK
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
Dual N-Channel MOSFET
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Ultra-Small Surface Mount Package
Lead Free By Design/RoHS Compliant (Note 2)
ESD Protected Up To 2kV
"Green" Device (Note 4)
Mechanical Data
Case: SOT-26
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminal Connections: See Diagram
Terminals: Finish
⎯ Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.015 grams (approximate)
SOT-26
TOP VIEW
Internal Schematic
TOP VIEW
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
S
1
D
1
D
2
S
2
G
1
G
2
ESD protected up to 2kV
Equivalent Circuit Per Element
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
VDSS
60
V
Drain-Source Voltage
Gate-Source Voltage
VGSS
±20
V
Continuous
Pulsed (Note 3)
ID
305
800
mA
Drain Current (Note 1)
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Pd
225
mW
Total Power Dissipation (Note 1)
RθJA
556
°C/W
Thermal Resistance, Junction to Ambient
Tj, TSTG
-65 to +150
°C
Operating and Storage Temperature Range
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
±10
μA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
1.0
1.6
2.5
V
VDS = 10V, ID = 1mA
VGS = 10V, ID = 200mA
Static Drain-Source On-Resistance
RDS (ON)
2.4
4.0
Ω
VGS = 4V, ID = 200mA
Forward Transfer Admittance
|Yfs|
100
ms
VDS =10V, ID = 200mA
Diode Forward Voltage (Note 5)
VSD
0.5
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
50
pF
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
Crss
5.0
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Notes:
1. Device mounted on FR-4 PCB.
2. No purposefully added lead.
3. Pulse width
≤10μS, Duty Cycle ≤1%.
4. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Short duration pulse test used to minimize self-heating effect.
Please click here to visit our online spice models database.


Similar Part No. - DMN601DMK_07

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN601DMK-7 DIODES-DMN601DMK-7 Datasheet
130Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30657 Rev. 2 - 2
DMN601DMK DIODES-DMN601DMK_15 Datasheet
166Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN601DMK_07

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com