Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMA26101 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DMA26101
Description  Silicon PNP epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DMA26101 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DMA26101 Datasheet HTML 1Page - Panasonic Semiconductor DMA26101 Datasheet HTML 2Page - Panasonic Semiconductor DMA26101 Datasheet HTML 3Page - Panasonic Semiconductor DMA26101 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ZJJ00595BED
This product complies with the RoHS Directive (EU 2002/95/EC).
Publication date: February 2010
1
DMA26101
Silicon PNP epitaxial planar type
For digital circuits
Features
Contributes to miniaturization of sets, reduction of component count.
Eco-friendly Halogen-free package
Basic Part Number
Dual DRA2114E (Common emitter)
Packaging
Embossed type (Thermo-compression sealing): 3000 pcs / reel (standard)
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
–50
V
Collector-emitter voltage (Base open)
VCEO
–50
V
Collector current
IC
–100
mA
Total power dissipation
PT
300
mW
Junction temperature
Tj
150
°
C
Storage temperature
Tstg
–55 to +150
°
C
Electrical Characteristics Ta = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = –10 µA, IE = 0
–50
V
Collector-emitter voltage (Base open)
VCEO
IC = –2 mA, IB = 0
–50
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = –50 V, IE = 0
– 0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = –50 V, IB = 0
– 0.5
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = –6 V, IC = 0
– 0.5
mA
Forward current transfer ratio
hFE
VCE = –10 V, IC = –5 mA
35
hFE ratio *
hFE
(Small/Large)
VCE = –10 V, IC = –5 mA
0.50
0.99
Collector-emitter saturation voltage
VCE(sat) IC = –10 mA, IB = – 0.5 mA
– 0.25
V
Input voltage (ON)
VI(on)
VCE = – 0.2 V, IC = –5 mA
–2.1
V
Input voltage (OFF)
VI(off)
VCE = –5 V, IC = –100 µA
– 0.8
V
Input resistance
R1
–30%
10
+30%
Resistance ratio
R1 / R2
0.8
1.0
1.2
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Ratio between 2 elements
Package
Code
Mini5-G3-B
Pin Name
1: Base (Tr1)
4: Collector (Tr2)
2: Emitter (Common) 5: Collector (Tr1)
3: Base (Tr2)
Marking Symbol: E0
Internal Connection
(C2)
4
Tr1
Tr2
(C1)
5
1
(B1)
3
(B2)
2
(E)
R1
R1
R2
R2
Resistance value
R1
10
R2
10


Similar Part No. - DMA26101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DMA26100 PANASONIC-DMA26100 Datasheet
394Kb / 4P
   Silicon PNP epitaxial planar type
DMA26102 PANASONIC-DMA26102 Datasheet
386Kb / 4P
   Silicon PNP epitaxial planar type
DMA26103 PANASONIC-DMA26103 Datasheet
389Kb / 4P
   Silicon PNP epitaxial planar type
DMA26104 PANASONIC-DMA26104 Datasheet
387Kb / 4P
   Silicon PNP epitaxial planar type
DMA26105 PANASONIC-DMA26105 Datasheet
386Kb / 4P
   Silicon PNP epitaxial planar type
More results

Similar Description - DMA26101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com