Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATA6628 Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. ATA6628
Description  Negative Trigger Input for Watchdog
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6628 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA6628 Datasheet HTML 2Page - ATMEL Corporation ATA6628 Datasheet HTML 3Page - ATMEL Corporation ATA6628 Datasheet HTML 4Page - ATMEL Corporation ATA6628 Datasheet HTML 5Page - ATMEL Corporation ATA6628 Datasheet HTML 6Page - ATMEL Corporation ATA6628 Datasheet HTML 7Page - ATMEL Corporation ATA6628 Datasheet HTML 8Page - ATMEL Corporation ATA6628 Datasheet HTML 9Page - ATMEL Corporation ATA6628 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
9117E–AUTO–07/10
ATA6628/ATA6630 [Preliminary]
3.13
TM Input Pin
The TM pin is used for final production measurements at Atmel
®. In normal application, it has to
be always connected to GND.
3.14
KL_15 Pin
The KL_15 pin is a high-voltage input used to wake up the device from Sleep or Silent Mode. It
is an edge-sensitive pin (low-to-high transition). It is usually connected to ignition to generate a
local wake-up in the application when the ignition is switched on. Although KL_15 pin is at high
voltage (V
Batt), it is possible to switch the IC into Sleep or Silent Mode. Connect the KL_15 pin
directly to GND if you do not need it. A debounce timer with a typical Tdb
Kl_15 of 160 µs is
implemented.
The input voltage threshold can be adjusted by varying the external resistor due to the input
current I
KL_15. To protect this pin against voltage transients, a serial resistor of 47 kΩ and a
ceramic capacitor of 100 nF are recommended. With this RC combination you can increase the
wake-up time Tw
KL_15 and, therefore, the sensitivity against transients on the ignition KL_15.
You can also increase the wake-up time using external capacitors with higher values.
3.15
INH Output Pin
The INH Output pin is used to switch an external voltage regulator on during Normal and
Fail-safe Mode. The INH Output is a high-side switch, which is switched-off in Sleep and Silent
Mode. It is possible to switch off the external 1 k
Ω master resistor via the INH pin for master
node applications.
3.16
Reset Output Pin (NRES)
The Reset Output pin, an open drain output, switches to low during VCC undervoltage or a
watchdog failure.
3.17
WD_OSC Output Pin
The WD_OSC Output pin provides a typical voltage of 1.2V, which supplies an external resistor
with values between 34 k
Ω and 120 kΩ to adjust the watchdog oscillator time.
If the watchdog is disabled, this voltage is switched off and you can either tie to GND or leave
this pin open.
3.18
NTRIG Input Pin
The NTRIG Input pin is the trigger input for the window watchdog. A pull-up resistor is imple-
mented. A negative edge triggers the watchdog. The trigger signal (low) must exceed a
minimum time t
trigmin to generate a watchdog trigger.
3.19
Wake-up Events from Sleep or Silent Mode
•LIN-bus
• WAKE pin
•EN pin
• KL_15


Similar Part No. - ATA6628

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results

Similar Description - ATA6628

ManufacturerPart No.DatasheetDescription
Unisonic Technologies
Unisonic Technologies
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
   Schmitt trigger input
Xilinx, Inc
Xilinx, Inc
DS552 XILINX-DS552 Datasheet
331Kb / 14P
   Optional Schmitt-trigger input
Texas Instruments
Texas Instruments
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
[Old version datasheet]   Negative output from positive input
Microchip Technology
Microchip Technology
MCP621 MICROCHIP-MCP621_14 Datasheet
1Mb / 62P
   Input Range incl. Negative Rail
03/25/14
National Semiconductor (TI)
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
   DUAL 4-INPUT SCHMITT TRIGGER
ON Semiconductor
ON Semiconductor
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
Hitachi Semiconductor
Hitachi Semiconductor
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
Renesas Technology Corp
Renesas Technology Corp
HD74LV1G14A RENESAS-HD74LV1G14A_15 Datasheet
168Kb / 9P
   Inverter with Schmitt?뱓rigger Input
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz