Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATA6628 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA6628
Description  Negative Trigger Input for Watchdog
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6628 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA6628 Datasheet HTML 1Page - ATMEL Corporation ATA6628 Datasheet HTML 2Page - ATMEL Corporation ATA6628 Datasheet HTML 3Page - ATMEL Corporation ATA6628 Datasheet HTML 4Page - ATMEL Corporation ATA6628 Datasheet HTML 5Page - ATMEL Corporation ATA6628 Datasheet HTML 6Page - ATMEL Corporation ATA6628 Datasheet HTML 7Page - ATMEL Corporation ATA6628 Datasheet HTML 8Page - ATMEL Corporation ATA6628 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
9117E–AUTO–07/10
ATA6628/ATA6630 [Preliminary]
3.7
Input/Output Pin (TXD)
In Normal Mode the TXD pin is the microcontroller interface used to control the state of the LIN
output. TXD must be pulled to ground in order to have a low LIN-bus. If TXD is high or not
connected (internal pull-up resistor), the LIN output transistor is turned off, and the bus is in
recessive state. During Fail-safe Mode, this pin is used as output and is signalling the fail-safe
source. It is current-limited to < 8 mA.
3.8
TXD Dominant Time-out Function
The TXD input has an internal pull-up resistor. An internal timer prevents the bus line from being
driven permanently in dominant state. If TXD is forced to low for longer than t
DOM >27ms, the
LIN-bus driver is switched to recessive state. Nevertheless, when switching to Sleep Mode, the
actual level at the TXD pin is relevant.
To reactivate the LIN bus driver, switch TXD to high (> 10 µs).
3.9
Output Pin (RXD)
This output pin reports the state of the LIN-bus to the microcontroller. LIN high (recessive state)
is reported by a high level at RXD; LIN low (dominant state) is reported by a low level at RXD.
The output has an internal pull-up resistor with typically 5 k
Ω to PVCC. The AC characteristics
can be defined with an external load capacitor of 20 pF.
The output is short-circuit protected. RXD is switched off in Unpowered Mode (i.e., V
S = 0V).
During Fail-safe Mode it is signalling the fail-safe source.
3.10
Enable Input Pin (EN)
The Enable Input pin controls the operation mode of the device. If EN is high, the circuit is in
Normal Mode, with transmission paths from TXD to LIN and from LIN to RXD both active. The
VCC voltage regulator operates with 3.3V/5V/50 mA output capability.
If EN is switched to low while TXD is still high, the device is forced to Silent Mode. No data trans-
mission is then possible, and the current consumption is reduced to I
VS typ. 40 µA. The VCC
regulator has its full functionality.
If EN is switched to low while TXD is low, the device is forced to Sleep Mode. No data transmis-
sion is possible, and the voltage regulator is switched off.
3.11
Wake Input Pin (WAKE)
The WAKE Input pin is a high-voltage input used to wake up the device from Sleep Mode or
Silent Mode. It is usually connected to an external switch in the application to generate a local
wake-up. A pull-up current source, typically 10 µA, is implemented.
If a local wake-up is not needed in the application, connect the WAKE pin directly to the VS pin.
3.12
Mode Input Pin (MODE)
Connect the MODE pin directly or via an external resistor to GND for normal watchdog opera-
tion. To debug the software of the connected microcontroller, connect MODE pin to PVCC and
the watchdog is switched off.
Note:
If you do not use the watchdog, connect pin MODE directly to PVCC.


Similar Part No. - ATA6628

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results

Similar Description - ATA6628

ManufacturerPart #DatasheetDescription
Unisonic Technologies
Unisonic Technologies
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
   Schmitt trigger input
Xilinx, Inc
Xilinx, Inc
DS552 XILINX-DS552 Datasheet
331Kb / 14P
   Optional Schmitt-trigger input
Texas Instruments
Texas Instruments
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
[Old version datasheet]   Negative output from positive input
Microchip Technology
Microchip Technology
MCP621 MICROCHIP-MCP621_14 Datasheet
1Mb / 62P
   Input Range incl. Negative Rail
03/25/14
National Semiconductor (TI)
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
   DUAL 4-INPUT SCHMITT TRIGGER
ON Semiconductor
ON Semiconductor
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
Hitachi Semiconductor
Hitachi Semiconductor
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
Renesas Technology Corp
Renesas Technology Corp
HD74LV1G14A RENESAS-HD74LV1G14A_15 Datasheet
168Kb / 9P
   Inverter with Schmitt?뱓rigger Input
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com