Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATA6628 Datasheet(PDF) 35 Page - ATMEL Corporation

Part No. ATA6628
Description  Negative Trigger Input for Watchdog
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6628 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATA6628 Datasheet HTML 28Page - ATMEL Corporation ATA6628 Datasheet HTML 29Page - ATMEL Corporation ATA6628 Datasheet HTML 30Page - ATMEL Corporation ATA6628 Datasheet HTML 31Page - ATMEL Corporation ATA6628 Datasheet HTML 32Page - ATMEL Corporation ATA6628 Datasheet HTML 33Page - ATMEL Corporation ATA6628 Datasheet HTML 34Page - ATMEL Corporation ATA6628 Datasheet HTML 35Page - ATMEL Corporation ATA6628 Datasheet HTML 36Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
35
9117E–AUTO–07/10
ATA6628/ATA6630 [Preliminary]
12. Revision History
Please note that the following page numbers referred to in this section refer to the specific revision
mentioned, not to this document.
Revision No.
History
9117E-AUTO-07/10
• Section 6 “Watchdog” on pages 20 to 21 changed
9117D-AUTO-05/10
• Features on page 1 changed
• Pin Description table: row Pin 16 changed
• Text under heading 3.3, 3.8, 3.11, 3.12, 4.2, 5.1, 5.5, 6 changed
• Figures 4-5, 6-1 changed
• Figure 9-1 heading changed
• Figures 9-2 and 9-3 added
• Abs.Max.Rat.Table -> Parameter text in row “ESD according...” changed
• Abs.Max.Rat.Table -> Values in row “ESD HBM following....” changed
• El.Char.Table -> rows changed: 1.2, 1.3, 1.6, 1.7, 7.1,10.4, 17.12, 12.1,
12.2, 17.5, 17.6, 17.7, 17.8, 18.6, 18.7, 18.8, 18.9, 18.13, 11.5, 23.5
• El.Char.Table -> row 8.13 added
9117C-AUTO-10/09
• Complete datasheet:
“LIN 2.1 specicfication” changed in “LIN 2.0, 2.1 specicfication or “2.x”
• Features on page 1 changed
• Description text on page 1 changed
• Pin Descritption table rows changed: 8, 11, 12
• Sections changed:
3.9, 3.10, 3.15, 3.20, 3.21, 4.1, 4.2, 4.3, 4-7, 5.1, 5.5, 5.6
• New section 4.4 added
(the following section numbers automatically changes...)
• Table Abs. Max. Ratings: changes in following rows:
WAKE, INH - DC voltage, ESD HBM following STM5.1
• Table El. Characteristics: changes in folloring rows:
1.2, 1.3, 7.2, 8.7, 8.11, 8.12, 13.1, 15.5, 17.9, 18.10, 21 to 23.7
new rows 10.6, 12.5, 18.8 added (the following counting changed)
row 20.5 deleted
• Figure heading changed: 4-7
• Figures changed: 1-1, 4-3, 4-4, 4-5, 4-6, 4-7, 9-2
• Table headings changed: 3-1


Similar Part No. - ATA6628

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results

Similar Description - ATA6628

ManufacturerPart No.DatasheetDescription
Unisonic Technologies
Unisonic Technologies
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
   Schmitt trigger input
Xilinx, Inc
Xilinx, Inc
DS552 XILINX-DS552 Datasheet
331Kb / 14P
   Optional Schmitt-trigger input
Texas Instruments
Texas Instruments
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
[Old version datasheet]   Negative output from positive input
Microchip Technology
Microchip Technology
MCP621 MICROCHIP-MCP621_14 Datasheet
1Mb / 62P
   Input Range incl. Negative Rail
03/25/14
National Semiconductor (TI)
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
   DUAL 4-INPUT SCHMITT TRIGGER
ON Semiconductor
ON Semiconductor
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
Hitachi Semiconductor
Hitachi Semiconductor
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
Renesas Technology Corp
Renesas Technology Corp
HD74LV1G14A RENESAS-HD74LV1G14A_15 Datasheet
168Kb / 9P
   Inverter with Schmitt?뱓rigger Input
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz