Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATA6628 Datasheet(PDF) 33 Page - ATMEL Corporation

Part No. ATA6628
Description  Negative Trigger Input for Watchdog
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6628 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATA6628 Datasheet HTML 28Page - ATMEL Corporation ATA6628 Datasheet HTML 29Page - ATMEL Corporation ATA6628 Datasheet HTML 30Page - ATMEL Corporation ATA6628 Datasheet HTML 31Page - ATMEL Corporation ATA6628 Datasheet HTML 32Page - ATMEL Corporation ATA6628 Datasheet HTML 33Page - ATMEL Corporation ATA6628 Datasheet HTML 34Page - ATMEL Corporation ATA6628 Datasheet HTML 35Page - ATMEL Corporation ATA6628 Datasheet HTML 36Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
33
9117E–AUTO–07/10
ATA6628/ATA6630 [Preliminary]
Figure 9-4.
LIN Slave Application with Minimum External Devices
67
8
10
9
20
19
18
16
11
12
13
14
15
TXD
NRES
WD_OSC
TM
INH
GND
EN
WAKE
10 k
Ω
NTRIG
Microcontroller
RESET
TXD
GND
RXD
EN
VBATT
5
4
3
2
1
17
220 pF
100 nF
VCC
VCC
VCC
R3
22 µF +
100 nF
10 µF +
QFN 5x5 mm
0.65 mm pitch
20 lead
ATA6628/
ATA6630
KL30
VBattery
Note: No watchdog, no Battery voltage measurement, no local wake up, INH output not used


Similar Part No. - ATA6628

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results

Similar Description - ATA6628

ManufacturerPart No.DatasheetDescription
Unisonic Technologies
Unisonic Technologies
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
   Schmitt trigger input
Xilinx, Inc
Xilinx, Inc
DS552 XILINX-DS552 Datasheet
331Kb / 14P
   Optional Schmitt-trigger input
Texas Instruments
Texas Instruments
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
[Old version datasheet]   Negative output from positive input
Microchip Technology
Microchip Technology
MCP621 MICROCHIP-MCP621_14 Datasheet
1Mb / 62P
   Input Range incl. Negative Rail
03/25/14
National Semiconductor (TI)
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
   DUAL 4-INPUT SCHMITT TRIGGER
ON Semiconductor
ON Semiconductor
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
Hitachi Semiconductor
Hitachi Semiconductor
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
Renesas Technology Corp
Renesas Technology Corp
HD74LV1G14A RENESAS-HD74LV1G14A_15 Datasheet
168Kb / 9P
   Inverter with Schmitt?뱓rigger Input
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz