Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATA6628 Datasheet(PDF) 29 Page - ATMEL Corporation

Part No. ATA6628
Description  Negative Trigger Input for Watchdog
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6628 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATA6628 Datasheet HTML 25Page - ATMEL Corporation ATA6628 Datasheet HTML 26Page - ATMEL Corporation ATA6628 Datasheet HTML 27Page - ATMEL Corporation ATA6628 Datasheet HTML 28Page - ATMEL Corporation ATA6628 Datasheet HTML 29Page - ATMEL Corporation ATA6628 Datasheet HTML 30Page - ATMEL Corporation ATA6628 Datasheet HTML 31Page - ATMEL Corporation ATA6628 Datasheet HTML 32Page - ATMEL Corporation ATA6628 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
9117E–AUTO–07/10
ATA6628/ATA6630 [Preliminary]
19
DIV_ON Input Pin
19.1 Low-level voltage input
DIV_ON
VDIV_ON
–0.3
+0.8
V
A
19.2 High-level voltage input
DIV_ON
V
DIV_ON
2V
CC + 0.3
V
A
19.3 Pull-down resistor
VDIV_ON = VCC
DIV_ON
RDIV_ON
125
250
400
k
Ω
A
19.4 Low-level input current
V
DIV_ON = 0V
DIV_ON
I
DIV_ON
–3
+3
µA
A
20
SP_MODE Input Pin
20.1 Low-level voltage input
SP_MODE VSP_MODE
–0.3
+0.8
V
A
20.2 High-level voltage input
SP_MODE V
SP_MODE
2V
CC + 0.3
V
A
20.3 Pull-down resistor
V
SP_MODE = VCC
SP_MODE R
SP_MODE
50
125
200
k
Ω
A
20.4 Low-level input current
VSP_MODE = 0V
SP_MODE
ISP_MODE
–3
+3
µA
A
21
LIN Driver in High-speed Mode(VSP_Mode = VCC)
21.1 Transmission Baud rate
V
S = 7V to 18V
RLIN = 500Ω , CLIN =600 pF
LIN
SP
115
kBaud
C
21.2
Slope time LIN falling
edge
VS = 7V to 18V
LIN
tSL_fall
12
µs
A
21.3
Slope time LIN rising
edge, depending on
RC-load
V
S = 14V
RLIN = 500Ω , CLIN =600 pF
LIN
t
SL_rise
23
µs
A
22
ATA6628 Voltage Divider
22.1 Divider ratio
VS = 5V to 18V
PV
1:6
A
22.2 Divider ratio error
–2
+2
%
A
22.3 Divider temperature drift
3
ppm/°C
C
22.4
VBATT range of divider
linearity
VBATT
5
18
V
A
22.5 VBatt input current
VBATT = 14V
VBATT
100
220
µA
A
22.6
Maximum output Voltage
at PV
VBATT 18V to 40V
VBATT
3
3.1
3.5
V
A
22.7 Pin capacitance
PV
2
pF
23
ATA6630 Voltage Divider
23.1 Divider ratio
VS = 5V to 27V
PV
1:6
A
23.2 Divider ratio error
–2
+2
%
A
23.3 Divider temperature drift
3
ppm/°C
C
23.4
VBATT range of divider
linearity
VBATT
5
27
V
A
23.5 VBatt input current
VBATT = 14V
VBATT
100
220
µA
A
23.6
Maximum output Voltage
at PV
VBATT 27V to 40V
PV
4.4
4.8
5.2
V
A
23.7 Pin capacitance
PV
2
pF
9.
Electrical Characteristics (Continued)
5V < VS < 27V, –40°C < Tj < 150°C, unless otherwise specified. All values refer to GND pins
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter


Similar Part No. - ATA6628

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results

Similar Description - ATA6628

ManufacturerPart No.DatasheetDescription
Unisonic Technologies
Unisonic Technologies
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
   Schmitt trigger input
Xilinx, Inc
Xilinx, Inc
DS552 XILINX-DS552 Datasheet
331Kb / 14P
   Optional Schmitt-trigger input
Texas Instruments
Texas Instruments
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
[Old version datasheet]   Negative output from positive input
Microchip Technology
Microchip Technology
MCP621 MICROCHIP-MCP621_14 Datasheet
1Mb / 62P
   Input Range incl. Negative Rail
03/25/14
National Semiconductor (TI)
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
   DUAL 4-INPUT SCHMITT TRIGGER
ON Semiconductor
ON Semiconductor
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
Hitachi Semiconductor
Hitachi Semiconductor
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
Renesas Technology Corp
Renesas Technology Corp
HD74LV1G14A RENESAS-HD74LV1G14A_15 Datasheet
168Kb / 9P
   Inverter with Schmitt?뱓rigger Input
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz