Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATA6628 Datasheet(PDF) 24 Page - ATMEL Corporation

Part No. ATA6628
Description  Negative Trigger Input for Watchdog
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6628 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATA6628 Datasheet HTML 20Page - ATMEL Corporation ATA6628 Datasheet HTML 21Page - ATMEL Corporation ATA6628 Datasheet HTML 22Page - ATMEL Corporation ATA6628 Datasheet HTML 23Page - ATMEL Corporation ATA6628 Datasheet HTML 24Page - ATMEL Corporation ATA6628 Datasheet HTML 25Page - ATMEL Corporation ATA6628 Datasheet HTML 26Page - ATMEL Corporation ATA6628 Datasheet HTML 27Page - ATMEL Corporation ATA6628 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
9117E–AUTO–07/10
ATA6628/ATA6630 [Preliminary]
2
RXD Output Pin
2.1
Low-level output sink
current
Normal Mode
V
LIN =0V
VRXD =0.4V
RXD
I
RXD
1.3
2.5
8
mA
A
2.2
Low-level output voltage
I
RXD = 1 mA
RXD
V
RXDL
0.4
V
A
2.3
Internal resistor to PVCC
RXD
R
RXD
357
k
Ω
A
3
TXD Input/Output Pin
3.1
Low-level voltage input
TXD
V
TXDL
–0.3
+0.8
V
A
3.2
High-level voltage input
TXD
V
TXDH
2
V
CC +
0.3V
VA
3.3
Pull-up resistor
V
TXD =0V
TXD
R
TXD
125
250
400
k
Ω
A
3.4
High-level leakage current V
TXD =VCC
TXD
I
TXD
–3
+3
µA
A
3.5
Low-level output sink
current
Fail-safe Mode, wake up
V
LIN = VS
V
WAKE = 0V
VTXD = 0.4V
TXD
ITXDwake
22.5
8
mA
A
4
EN Input Pin
4.1
Low-level voltage input
EN
V
ENL
–0.3
+0.8
V
A
4.2
High-level voltage input
EN
V
ENH
2
VCC +
0.3V
VA
4.3
Pull-down resistor
V
EN = VCC
EN
R
EN
50
125
200
k
Ω
A
4.4
Low-level input current
VEN = 0V
EN
IEN
–3
+3
µA
A
5
NTRIG Watchdog Input Pin
5.1
Low-level voltage input
NTRIG
VNTRIGL
–0.3
+0.8
V
A
5.2
High-level voltage input
NTRIG
VNTRIGH
2
VCC +
0.3V
VA
5.3
Pull-up resistor
VNTRIG = 0V
NTRIG
RNTRIG
125
250
400
k
Ω
A
5.4
High-level leakage current VNTRIG = VCC
NTRIG
INTRIG
–3
+3
µA
A
6Mode Input Pin
6.1
Low-level voltage input
MODE
VMODEL
–0.3
+0.8
V
A
6.2
High-level voltage input
MODE
VMODEH
2
VCC +
0.3V
VA
6.3
High-level leakage current
VMODE = VCC or
VMODE = 0V
MODE
I
MODE
–3
+3
µA
A
7
INH Output Pin
7.1
High-level voltage
IINH = –15 mA
INH
VINHH
VS – 0.75
VS
VA
7.2
Switch-on resistance
between VS and INH
INH
RINH
30
50
Ω
A
7.3
Leakage current
Sleep Mode
VINH = 0V/27V, VS = 27V
INH
I
INHL
–3
+3
µA
A
8
LIN Bus Driver
8.1
Driver recessive output
voltage
Load1/Load2
LIN
V
BUSrec
0.9
× V
S
V
S
VA
8.2
Driver dominant voltage
V
VS = 7V
Rload = 500 Ω
LIN
V
_LoSUP
1.2
V
A
9.
Electrical Characteristics (Continued)
5V < VS < 27V, –40°C < Tj < 150°C, unless otherwise specified. All values refer to GND pins
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter


Similar Part No. - ATA6628

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results

Similar Description - ATA6628

ManufacturerPart No.DatasheetDescription
Unisonic Technologies
Unisonic Technologies
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
   Schmitt trigger input
Xilinx, Inc
Xilinx, Inc
DS552 XILINX-DS552 Datasheet
331Kb / 14P
   Optional Schmitt-trigger input
Texas Instruments
Texas Instruments
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
[Old version datasheet]   Negative output from positive input
Microchip Technology
Microchip Technology
MCP621 MICROCHIP-MCP621_14 Datasheet
1Mb / 62P
   Input Range incl. Negative Rail
03/25/14
National Semiconductor (TI)
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
   DUAL 4-INPUT SCHMITT TRIGGER
ON Semiconductor
ON Semiconductor
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
Hitachi Semiconductor
Hitachi Semiconductor
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
   Inverter with Schmitt-trigger Input
Renesas Technology Corp
Renesas Technology Corp
HD74LV1G14A RENESAS-HD74LV1G14A_15 Datasheet
168Kb / 9P
   Inverter with Schmitt?뱓rigger Input
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz