Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN48841B Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN48841B
Description  Low current consumption, high sensitivity CMOS Hall IC Operates on Alternating Magnetic Field
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN48841B Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN48841B Datasheet HTML 1Page - Panasonic Semiconductor AN48841B Datasheet HTML 2Page - Panasonic Semiconductor AN48841B Datasheet HTML 3Page - Panasonic Semiconductor AN48841B Datasheet HTML 4Page - Panasonic Semiconductor AN48841B Datasheet HTML 5Page - Panasonic Semiconductor AN48841B Datasheet HTML 6Page - Panasonic Semiconductor AN48841B Datasheet HTML 7Page - Panasonic Semiconductor AN48841B Datasheet HTML 8Page - Panasonic Semiconductor AN48841B Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AN48841B
5
Ver. BEB
Absolute Maximum Ratings
Operating supply voltage range
Notes
Unit
Rating
Symbol
Parameter
A
No.
mA
5
ICC
Supply current
2
*3
°C
−55 to +125
Tstg
Storage temperature
5
*3
°C
−25 to +75
Topr
Operating ambient temperature
4
*2
mW
60
PD
Power dissipation
3
*1
V
5.4
VCC
Supply voltage
1
Notes
Unit
Range
Symbol
Parameter
*
V
2.5 to 5.25
VCC
Supply voltage range
Note) *: The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.
0
GND
Note
Unit
Range
Pin name
Pin No.
*
V
– 0.3 to (VCC + 0.3)
OUT
5
*
V
2
Note) *: (V
CC + 0.3) V ≤ 5.4 V.
Notes) *1 : The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.
*2 : The power dissipation shown is the value at T
a = 75°C for the independent (unmounted) IC package without a heat sink.
When using this IC, refer to the
P
D-Ta diagram in the
Technical Data and design the heat radiation with sufficient margin so that the
allowable value might not be exceeded based on the conditions of power supply voltage, load, and ambient temperature.
*3 : Except for the power dissipation, operating ambient temperature, and storage temperature, all ratings are for T
a = 25°C.
Allowable Voltage Range
Notes)
Allowable current and voltage ranges are limit ranges which do not result in damages to this IC, and IC operation is not guaranteed within
these limit ranges.
Voltage values, unless otherwise specified, are with respect to GND.
Do not apply external currents or voltages to any pin not specifically mentioned.
Note) Absolute maximum ratings are limit values which do not result in damages to this IC, and IC operation is not guaranteed at these limit values.


Similar Part No. - AN48841B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN4880 MAXIM-AN4880 Datasheet
557Kb / 15P
   Design Guidelines For 78P235x E4/STM1e LIUs
Rev 2.1
logo
Panasonic Semiconductor
AN48800A PANASONIC-AN48800A Datasheet
263Kb / 4P
   Low current consumption, high sensitivity CMOS Hall IC One-way magnetic field operation
AN48810B PANASONIC-AN48810B Datasheet
126Kb / 6P
   Low current consumption, high sensitivity CMOS Hall IC One-way magnetic field operation
logo
Panasonic Battery Group
AN488XX PANASONICBATTERY-AN488XX Datasheet
395Kb / 1P
   Surface Mount, Hall Effect Latches, Magnetic Digital-Position Sensor IC?셲
More results

Similar Description - AN48841B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN48810B PANASONIC-AN48810B Datasheet
126Kb / 6P
   Low current consumption, high sensitivity CMOS Hall IC One-way magnetic field operation
AN48800A PANASONIC-AN48800A Datasheet
263Kb / 4P
   Low current consumption, high sensitivity CMOS Hall IC One-way magnetic field operation
logo
Asahi Kasei Microsystem...
AK8771 AKM-AK8771 Datasheet
941Kb / 5P
   High sensitivity alternating behavior Hall IC
logo
AnaSem Hong Kong Limite...
HMX3033H ANASEM-HMX3033H Datasheet
1Mb / 11P
   Low current consumption, 3.0mT High sensitivity CMOS Hall Magnetic Sensor Switch
Rev. E13-01
logo
Sharp Corporation
LT260A SHARP-LT260A Datasheet
23Kb / 2P
   GaAs Hall IC for Noncontact Switch(Alternating magnetic field-type)
LT262A SHARP-LT262A Datasheet
23Kb / 2P
   GaAs Hall IC for Noncontact Switch(Alternating magnetic field-type*)
LT261A SHARP-LT261A Datasheet
23Kb / 2P
   GaAs Hall IC for Noncontact Switch(Alternating magnetic field-type*)
logo
Torex Semiconductor
XC3202B TOREX-XC3202B_12 Datasheet
202Kb / 9P
   Low Power Consumption Hall IC (Magnetic Sensor)
XC3202 TOREX-XC3202 Datasheet
224Kb / 8P
   Low Power Consumption Hall IC (Magnetic Sensor)
logo
AnaSem Hong Kong Limite...
MRX1518H ANASEM-MRX1518H Datasheet
1Mb / 14P
   Low power consumption, 1.5mT High sensitivity CMOS MR Magnetic Sensor Switch
Rev. E13-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com