Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN44066A Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN44066A
Description  Driver IC for Stepping Motor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN44066A Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN44066A Datasheet HTML 3Page - Panasonic Semiconductor AN44066A Datasheet HTML 4Page - Panasonic Semiconductor AN44066A Datasheet HTML 5Page - Panasonic Semiconductor AN44066A Datasheet HTML 6Page - Panasonic Semiconductor AN44066A Datasheet HTML 7Page - Panasonic Semiconductor AN44066A Datasheet HTML 8Page - Panasonic Semiconductor AN44066A Datasheet HTML 9Page - Panasonic Semiconductor AN44066A Datasheet HTML 10Page - Panasonic Semiconductor AN44066A Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AN44066A
7
SDL00014AEB
V
–0.3 to 6
STBY
22
V
–0.3 to 6
PWMSW
24
V
–0.3 to 6
PHA1
25
V
–0.3 to 6
PHB1
26
V
–0.3 to 6
IN0
27
V
–0.3 to 6
IN1
28
V
–0.3 to 6
IN2
29
V
–0.3 to 6
IN3
30
V
–0.3 to 6
ENABLEA
31
V
2.5
RCSB
5
V
2.5
RCSA
11
*1
V
(VM –1)to43
VPUMP
16
*1
V
(VM –1) to 43
BC2
17
*1
V
VM + 0.3
BC1
18
V
–0.3 to 6
VREFA
19
V
–0.3 to 6
VREFB
20
Note
Unit
Rating
Pin name
Pin No.
*1
*2
mA
–5 to 0
S5VOUT
21
Note
Unit
Rating
Pin name
Pin No.
Allowed Voltage and Current Ranges
Notes)
Rating Voltage is voltage of pin on GND
Do not apply current or voltage from outside to any pin not listed above.
For the circuit currents, "+" denotes current flowing into the IC, and "−" denotes current flowing out of the IC.
Notes) *1 : Do not apply external voltages to this pin. Set not to exceed allowable range at any time.
*2 : This is the rating under the condition that V
M is used in the range between 16 V and 34 V. When VM is used in the range between 10 V and
16 V, the rating is –1.4 mA to 0.


Similar Part No. - AN44066A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN44066A PANASONIC-AN44066A Datasheet
387Kb / 1P
   Stepper Motor Driver IC?셲 From Panasonic
AN44066A-VF PANASONIC-AN44066A-VF Datasheet
1Mb / 53P
   Driver IC for Stepping Motor
More results

Similar Description - AN44066A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN44067A-VF PANASONIC-AN44067A-VF Datasheet
1Mb / 61P
   Driver IC for Stepping Motor
AN44069A PANASONIC-AN44069A Datasheet
528Kb / 27P
   Driver IC for Stepping Motor
AN44066A-VF PANASONIC-AN44066A-VF Datasheet
1Mb / 53P
   Driver IC for Stepping Motor
AN44071A-VF PANASONIC-AN44071A-VF Datasheet
1Mb / 68P
   Driver IC for Stepping Motor
AN44063A PANASONIC-AN44063A Datasheet
300Kb / 11P
   Driver IC for Stepping Motor
AN44067A PANASONIC-AN44067A Datasheet
375Kb / 18P
   Driver IC for stepping motor
AN44065A PANASONIC-AN44065A Datasheet
448Kb / 1P
   Driver IC for Stepping Motor
logo
Toshiba Semiconductor
TA8430AF TOSHIBA-TA8430AF Datasheet
348Kb / 10P
   STEPPING MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P_07 Datasheet
352Kb / 17P
   Stepping Motor Driver IC
logo
ON Semiconductor
LB1935FA-BH ONSEMI-LB1935FA-BH Datasheet
172Kb / 4P
   Stepping Motor Driver IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com