Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLS1150-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DFLS1150-7
Description  1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS1150-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DFLS1150-7 Datasheet HTML 1Page - Diodes Incorporated DFLS1150-7 Datasheet HTML 2Page - Diodes Incorporated DFLS1150-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DFLS1150
Document number: DS30593 Rev. 6 - 2
2 of 3
www.diodes.com
May 2008
© Diodes Incorporated
DFLS1150
PowerDI is a registered trademark of Diodes Incorporated.
0.00001
0.0001
0.01
0.001
10
1
0.1
0.2
0.1
00.4
0.5
0.3
0.6
0.7
0.8
0.9
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
0
510
15
20
Ordering Information (Note 5)
Part Number
Case
Packaging
DFLS1150-7
PowerDI
®123
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
F07 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: R = 2004)
M = Month (ex: 9 = September)
F07
Date Code Key
Year
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D


Similar Part No. - DFLS1150-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS1150-7 DIODES-DFLS1150-7 Datasheet
73Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30593 Rev. 3 - 2
DFLS1150-7 DIODES-DFLS1150-7 Datasheet
295Kb / 5P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DFLS1150-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B1100LB DIODES-B1100LB_15 Datasheet
107Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DFLS1200 DIODES-DFLS1200 Datasheet
382Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30628 Rev. 3 - 2
SB170 DIODES-SB170 Datasheet
63Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. B-1
DFLS1100 DIODES-DFLS1100 Datasheet
86Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30497 Rev. 4 - 2
SB170 DIODES-SB170_15 Datasheet
64Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B170BQ DIODES-B170BQ Datasheet
393Kb / 5P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B170Q DIODES-B170Q Datasheet
314Kb / 5P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
B170 DIODES-B170_10 Datasheet
101Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 10 - 2
B1100LB DIODES-B1100LB_10 Datasheet
107Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30077 Rev. 10 - 2
DFLS1200Q DIODES-DFLS1200Q Datasheet
309Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com