Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM10U45LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDM10U45LP
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM10U45LP Datasheet(HTML) 1 Page - Diodes Incorporated

  SDM10U45LP Datasheet HTML 1Page - Diodes Incorporated SDM10U45LP Datasheet HTML 2Page - Diodes Incorporated SDM10U45LP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SDM10U45LP
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
Low Forward Voltage Drop
Guard Ring Die Construction for Transient Protection
Low Capacitance
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: DFN1006-2
Case Material: Molded Plastic, "Green" Molding
Compound. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminal Connections: Dot Denotes Cathode Side
Terminals: Finish
⎯ NiPdAu annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.001 grams (approximate)
Top View
Maximum Ratings @TA = 25°C unless otherwise specified
SDM10U45LP
Document number: DS30588 Rev. 8 - 2
1 of 3
www.diodes.com
July 2008
© Diodes Incorporated
Characteristic
Symbol
Value
Unit
Maximum Peak Reverse Voltage
VRM
45
V
Reverse Voltage
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Forward Current
IO
100
mA
Maximum (Peak) Forward Current
IFM
300
mA
Non-Repetitive Peak Forward Surge Current @ t
≤ 10ms
IFSM
1
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
PD
250
mW
Thermal Resistance, Junction to Ambient Air
RθJA
400
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-40 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 3)
V(BR)R
30
V
IR = 100μA
Forward Voltage Drop
VF
280
360
470
580
550
800
mV
IF = 1.0mA
IF = 15mA
IF = 50mA
IF = 100mA
Reverse Current (Note 3)
IR
1.0
μA
VR = 25V
Total Capacitance
CT
7
15
pF
VR = 10V, f = 1.0 MHz
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Short duration pulse test used to minimize self-heating effect.
Please click here to visit our online spice models database.


Similar Part No. - SDM10U45LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM10U45LP DIODES-SDM10U45LP Datasheet
84Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30588 Rev. 6 - 2
SDM10U45LP DIODES-SDM10U45LP Datasheet
329Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SDM10U45LP-7 DIODES-SDM10U45LP-7 Datasheet
84Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30588 Rev. 6 - 2
SDM10U45LP-7 DIODES-SDM10U45LP-7 Datasheet
329Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SDM10U45LP DIODES-SDM10U45LP_15 Datasheet
156Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SDM10U45LP

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com