Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRDNB26W Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DRDNB26W
Description  COMPLEX ARRAY FOR RELAY DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DRDNB26W Datasheet(HTML) 5 Page - Diodes Incorporated

  DRDNB26W Datasheet HTML 1Page - Diodes Incorporated DRDNB26W Datasheet HTML 2Page - Diodes Incorporated DRDNB26W Datasheet HTML 3Page - Diodes Incorporated DRDNB26W Datasheet HTML 4Page - Diodes Incorporated DRDNB26W Datasheet HTML 5Page - Diodes Incorporated DRDNB26W Datasheet HTML 6Page - Diodes Incorporated DRDNB26W Datasheet HTML 7Page - Diodes Incorporated DRDNB26W Datasheet HTML 8Page - Diodes Incorporated DRDNB26W Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Device Characteristics
DS30573 Rev. 10 - 2
5 of 9
www.diodes.com
DRD (xxxx) W
© Diodes Incorporated
0
50
100
40
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Power Derating Curve (Total Device)
A
150
200
250
0
80
120
160
R
= 625°C/W
θJA
1
1,000
100
0.0001
0.001
0.01
1
10
0.1
I , COLLECTOR CURRENT (A)
Fig. 2, Typical DC Current Gain
vs. Collector Current (DRDN010W)
C
V
= 1.0V
CE
1
100
10
0.1
1
10
100
V
, COLLECTOR-BASE VOLTAGE (V)
Fig. 3, Typical Output Capacitance vs.
Collector-Base Voltage (DRDN010W)
CB
f = 1MHz
1
10
1,000
100
0.0001
0.001
0.01
0.1
1
10
I , COLLECTOR CURRENT (A)
Fig. 4, Typical Collector Saturation Voltage vs.
Collector Current (DRDN010W)
C
T , AMBIENT TEMPERATURE (ºC)
Fig. 5, Typical Collector-Cutoff Current
vs. Ambient Temperature (DRDN005W)
A
10
0.01
0.1
1
25
50
75
100
125
0.001
0.01
I
BASE CURRENT (mA)
Fig. 6, Typical Collector Saturation Region
B,
(DRDN005W)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
I = 1mA
C
I = 10mA
C
I = 30mA
C
I = 100mA
C


Similar Part No. - DRDNB26W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DRDNB26W DIODES-DRDNB26W Datasheet
305Kb / 9P
   COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 8 - 2
DRDNB26W-7 DIODES-DRDNB26W-7 Datasheet
305Kb / 9P
   COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 8 - 2
More results

Similar Description - DRDNB26W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DRDPB26W DIODES-DRDPB26W Datasheet
305Kb / 9P
   COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 8 - 2
DRDNB21D DIODES-DRDNB21D Datasheet
97Kb / 5P
   COMPLEX ARRAY FOR DUAL RELAY DRIVER
DS30756 Rev. 3 - 2
DVR1V8W DIODES-DVR1V8W Datasheet
97Kb / 5P
   COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 4 - 2
DVR1V8W DIODES-DVR1V8W_1 Datasheet
146Kb / 5P
   COMPLEX ARRAY FOR VOLTAGE REGULATORS
HBDM60V600W DIODES-HBDM60V600W_08 Datasheet
201Kb / 7P
   COMPLEX TRANSISTOR ARRAY FOR BIPOLAR
CTA2N1P DIODES-CTA2N1P_1 Datasheet
124Kb / 7P
   COMPLEX TRANSISTOR ARRAY
DS30295 Rev. 6 - 2
CTA2P1N DIODES-CTA2P1N_1 Datasheet
715Kb / 7P
   COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 7 - 2
CTA2N1P DIODES-CTA2N1P Datasheet
61Kb / 3P
   COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
CTA2P1N DIODES-CTA2P1N Datasheet
69Kb / 4P
   COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 2 - 2
CTA2N1P DIODES-CTA2N1P_2 Datasheet
176Kb / 6P
   COMPLEX TRANSISTOR ARRAY
Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com