Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU420-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDU420-13
Description  4A ULTRA-FAST RECOVERY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDU420-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  PDU420-13 Datasheet HTML 1Page - Diodes Incorporated PDU420-13 Datasheet HTML 2Page - Diodes Incorporated PDU420-13 Datasheet HTML 3Page - Diodes Incorporated PDU420-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U420 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last digit of year ex: 06 for 2006
WW = Week code 01 to 52
K = Factory Designator
YYWWK
U420
DS30549 Rev. 7 - 2
3 of 4
PDU420
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
Marking Information
Notes:
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
PDU420-13
PowerDIä5
5000/Tape & Reel
Ordering Information (Note 6)
0
1.5
3
4.5
6
0
1
3
2
4
5
6
7
8
9
10
I , FORWARD CURRENT (A)
F
Fig. 5 Forward Power Dissipation
I
PK
I
AV
= 1 (DC)
0
50
250
200
150
100
0
50
100
150
200
T , DERATED AMBIENT TEMPERATURE (°C)
A
Fig. 6 Operating Temperature Derating
Note 2
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 7 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)


Similar Part No. - PDU420-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU420-13 DIODES-PDU420-13 Datasheet
133Kb / 4P
   4A ULTRA-FAST RECOVERY RECTIFIER
DS30549 Rev. 6 - 2
More results

Similar Description - PDU420-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU420 DIODES-PDU420 Datasheet
133Kb / 4P
   4A ULTRA-FAST RECOVERY RECTIFIER
DS30549 Rev. 6 - 2
PDU420 DIODES-PDU420_15 Datasheet
532Kb / 4P
   4A ULTRA-FAST RECOVERY RECTIFIER PowerDI 채5
logo
Frontier Electronics.
MUR405 FRONTIER-MUR405_16 Datasheet
901Kb / 2P
   4A ULTRA FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MSB403E YFWDIODE-MSB403E Datasheet
293Kb / 3P
   4A Super Fast Recovery Rectifier Bridge
logo
Taiwan Semiconductor Co...
MUR4L20 TSC-MUR4L20 Datasheet
384Kb / 5P
   4A, 200V - 600V Ultra Fast Rectifier
logo
Solid States Devices, I...
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
   Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
   Ultra Fast Recovery Rectifier
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com