Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLS240L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DFLS240L
Description  2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS240L Datasheet(HTML) 2 Page - Diodes Incorporated

  DFLS240L_09 Datasheet HTML 1Page - Diodes Incorporated DFLS240L_09 Datasheet HTML 2Page - Diodes Incorporated DFLS240L_09 Datasheet HTML 3Page - Diodes Incorporated DFLS240L_09 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DFLS240L
Document number: DS30516 Rev. 8 - 2
2 of 4
www.diodes.com
November 2009
© Diodes Incorporated
DFLS240L
PowerDI is a registered trademark of Diodes Incorporated.
0.1
1
10
100
1,000
10,000
0.2
0.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0
0.8
0.6
T = 25 C
A
°
T = 85 C
A
°
T = 100 C
A
°
T = 125 C
A
°
T = -55 C
A
°
0
5
10
15
20
25
30
35
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
10
1.0
100
10,000
1,000
0.1
0.01
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 100 C
A
°
T = 125 C
A
°
V , DC REVERSE VOLTAGE (V)
R
Fig. 3 Total Capacitance vs. Reverse Voltage
0
50
100
150
200
250
300
350
400
450
0
8
16
24
32
40
25
35
45
55
16
8
24
32
40
V , DC REVERSE VOLTAGE (V)
Fig. 4 Operating Temperature Derating
R
65
75
85
105
95
125
115
135
0
Ordering Information (Note 6)
Part Number
Case
Packaging
DFLS240L-7
PowerDI
®123
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
F06A = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
F06A


Similar Part No. - DFLS240L_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS240L-7 DIODES-DFLS240L-7 Datasheet
88Kb / 3P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 4 - 2
DFLS240LQ DIODES-DFLS240LQ Datasheet
370Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240LQ-7 DIODES-DFLS240LQ-7 Datasheet
370Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240LQ DIODES-DFLS240LQ_15 Datasheet
212Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240L DIODES-DFLS240L_15 Datasheet
95Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER PowerDI짰123
More results

Similar Description - DFLS240L_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS240LQ DIODES-DFLS240LQ Datasheet
370Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240L DIODES-DFLS240L Datasheet
88Kb / 3P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30516 Rev. 4 - 2
DFLS240LQ DIODES-DFLS240LQ_15 Datasheet
212Kb / 5P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DFLS240L DIODES-DFLS240L_15 Datasheet
95Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIER PowerDI짰123
logo
Won-Top Electronics
SL22 WTE-SL22 Datasheet
40Kb / 3P
   2.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
   Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
logo
Zibo Seno Electronic En...
SR230L ZSELEC-SR230L Datasheet
164Kb / 2P
   2.0A LOW VF SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com