Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDS835L Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS835L
Description  8A LOW VF SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS835L Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS835L Datasheet HTML 1Page - Diodes Incorporated PDS835L Datasheet HTML 2Page - Diodes Incorporated PDS835L Datasheet HTML 3Page - Diodes Incorporated PDS835L Datasheet HTML 4Page - Diodes Incorporated PDS835L Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDS835L
Document number: DS30488 Rev. 10 - 2
1 of 5
www.diodes.com
December 2010
© Diodes Incorporated
PDS835L
PowerDI is a registered trademark of Diodes Incorporated.
8A LOW VF SCHOTTKY BARRIER RECTIFIER
PowerDI
®5
Features
Guard Ring Die Construction for Transient Protection
Low Forward Voltage Drop
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
High Forward Surge Current Capability
Lead Free Finish, RoHS Compliant (Note 1)
"Green" Molding Compound (No Br, Sb)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: PowerDI
®5
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.094 grams (approximate)
Ordering Information (Note 2)
Part Number
Case
Packaging
PDS835L-13
PowerDI
®5
5000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
S835L = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last two digits of year (ex: 04 for 2004)
WW = Week code (01 - 53)
K = Factory Designator
YYWWK
S835L


Similar Part No. - PDS835L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS835L DIODES-PDS835L Datasheet
94Kb / 3P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30488 Rev. 7 - 2
PDS835L-13 DIODES-PDS835L-13 Datasheet
94Kb / 3P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30488 Rev. 7 - 2
PDS835L-13 DIODES-PDS835L-13 Datasheet
122Kb / 5P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS835L-7 DIODES-PDS835L-7 Datasheet
122Kb / 5P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS835L DIODES-PDS835L_15 Datasheet
122Kb / 5P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
More results

Similar Description - PDS835L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRD835L DIODES-MBRD835L Datasheet
62Kb / 2P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30284 Rev. B-2
SBM835L DIODES-SBM835L Datasheet
59Kb / 2P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30225 Rev. 1 - 1
PDS835L DIODES-PDS835L Datasheet
94Kb / 3P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30488 Rev. 7 - 2
PDS835L DIODES-PDS835L_15 Datasheet
122Kb / 5P
   8A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
logo
Shenzhen Luguang Electr...
SD8U60SL LUGUANG-SD8U60SL Datasheet
2Mb / 4P
   8A/60V Low VF Schottky Rectifier
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR24ALF PANJIT-SR24ALF Datasheet
165Kb / 5P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com