Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDS1040L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS1040L
Description  10A LOW VF SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS1040L Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS1040L_10 Datasheet HTML 1Page - Diodes Incorporated PDS1040L_10 Datasheet HTML 2Page - Diodes Incorporated PDS1040L_10 Datasheet HTML 3Page - Diodes Incorporated PDS1040L_10 Datasheet HTML 4Page - Diodes Incorporated PDS1040L_10 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PDS1040L
Document number: DS30486 Rev. 11 - 2
2 of 5
www.diodes.com
November 2010
© Diodes Incorporated
PDS1040L
PowerDI is a registered trademark of Diodes Incorporated.
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current (see also Figure 5)
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on Rated Load
IFSM
275
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
1.5
°C/W
Thermal Resistance Junction to Ambient Air (Note 3) TA = 25°C
RθJA
85
°C/W
Thermal Resistance Junction to Ambient Air (Note 4) TA = 25°C
RθJA
65
°C/W
Thermal Resistance Junction to Ambient Air (Note 5) TA = 25°C
RθJA
50
°C/W
Operating Junction Temperature Range
VR ≤ 80% VRRM
VR ≤ 50% VRRM
TJ
-65 to +130
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
40
V
IR = 600μA
Forward Voltage
VF
0.41
0.30
0.42
0.32
0.44
0.35
0.46
0.35
0.47
0.41
0.49
0.43
V
IF = 6A, TS = 25°C
IF = 6A, TS = 125°C
IF = 8A, TS = 25°C
IF = 8A, TS = 125°C
IF = 10A, TS = 25°C
IF = 10A, TS = 125°C
Reverse Current (Note 6)
IR
0.07
12.5
0.6
25
mA
TS = 25°C, VR = 40V
TS = 100°C, VR = 40V
Notes:
3 R-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
4. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
5. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
6. Short duration pulse test used to minimize self-heating effect.
7. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 18.8mm x 14.4mm. Anode pad dimensions 5.6mm x 3.0mm.
8. Devices mounted such that R
θJA ≅ 19°C/W.


Similar Part No. - PDS1040L_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS1040L-13 DIODES-PDS1040L-13 Datasheet
97Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 8 - 2
PDS1040L DIODES-PDS1040L_15 Datasheet
369Kb / 6P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
More results

Similar Description - PDS1040L_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRD1040 DIODES-MBRD1040 Datasheet
62Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30282 Rev. 3 - 2
SBM1040 DIODES-SBM1040 Datasheet
65Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30255 Rev. F-2
PDS1040L DIODES-PDS1040L Datasheet
97Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 8 - 2
PDS1040CTL DIODES-PDS1040CTL_10 Datasheet
108Kb / 5P
   10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
DS30485 Rev. 11 - 2
PDS1040L DIODES-PDS1040L_15 Datasheet
369Kb / 6P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS1040CTL DIODES-PDS1040CTL Datasheet
94Kb / 3P
   10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
DS30485 Rev. 8 - 2
PDS1040CTL DIODES-PDS1040CTL_15 Datasheet
445Kb / 6P
   10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰5
logo
DIYI Electronic Technol...
SBT10V120CT DYELEC-SBT10V120CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10L300CT DYELEC-SBP10L300CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10L40CT DYELEC-SBP10L40CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com