Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTA122LE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTA122LE
Description  PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA122LE Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTA122LE_1 Datasheet HTML 1Page - Diodes Incorporated DDTA122LE_1 Datasheet HTML 2Page - Diodes Incorporated DDTA122LE_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30405 Rev. 6 - 2
2 of 3
www.diodes.com
DDTA (LO-R1) E
© Diodes Incorporated
Electrical Characteristics
@TA = 25°C unless otherwise specified
R1, R2 Types
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
DDTA122LE
DDTA142JE
Vl(off)
-0.3
-0.3
V
VCC = -5V, IO = -100μA
Input Voltage
DDTA122LE
DDTA142JE
Vl(on)
-2.0
-2.0
V
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -20mA
Output Voltage
VO(on)
-0.3V
V
IO/Il = -5mA/-0.25mA
Input Current
DDTA122LE
DDTA142JE
Il
-28
-13
mA VI = -5V
Output Current
IO(off)
-0.5
μA VCC = -50V, VI = 0V
DC Current Gain
DDTA122LE
DDTA142JE
Gl
56
56
VO = -5V, IO = -10mA
Gain-Bandwidth Product*
fT
200
MHz VCE = -10V, IE = -5mA, f = 100MHz
* Transistor - For Reference Only
Electrical Characteristics
@TA = 25°C unless otherwise specified
R1-Only Types
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
V
IC = -50μA
Collector-Emitter Breakdown Voltage
BVCEO
-40
V
IC = -1mA
Emitter-Base Breakdown Voltage
DDTA122TE
DDTA142TE
BVEBO
-5
V
IE = -50μA
IE = -50μA
Collector Cutoff Current
ICBO
-0.5
μA
VCB = -50V
Emitter Cutoff Current
DDTA122TE
DDTA142TE
IEBO
-0.5
-0.5
μA
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
-0.3
V
IC = -5mA, IB = -0.25mA
DC Current Transfer Ratio
DDTA122TE
DDTA142TE
hFE
100
100
250
250
600
600
IC = -1mA, VCE = -5V
Gain-Bandwidth Product*
fT
200
MHz VCE = -10V, IE = 5mA, f = 100MHz
* Transistor - For Reference Only
-50
050
100
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
150


Similar Part No. - DDTA122LE_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA122LE-7-F DIODES-DDTA122LE-7-F Datasheet
72Kb / 3P
   PNP PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30405 Rev. 5 - 2
More results

Similar Description - DDTA122LE_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA122LU DIODES-DDTA122LU_1 Datasheet
116Kb / 3P
   PNP PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30402 Rev. 6 - 2
DDTA122LE DIODES-DDTA122LE Datasheet
72Kb / 3P
   PNP PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30405 Rev. 5 - 2
DDTA122LU DIODES-DDTA122LU Datasheet
78Kb / 3P
   PNP PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30402 Rev. 5 - 2
DDTB122LU DIODES-DDTB122LU_2 Datasheet
115Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30400 Rev. 6 - 2
DDTB122LC DIODES-DDTB122LC_2 Datasheet
200Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30403 Rev. 6 - 2
DDTC122LE DIODES-DDTC122LE_2 Datasheet
170Kb / 3P
   NPN PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30404 Rev. 6 - 2
DDTC122LU DIODES-DDTC122LU_2 Datasheet
116Kb / 3P
   NPN PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30401 Rev. 6 - 2
DDTB122LC DIODES-DDTB122LC_1 Datasheet
72Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 5 - 2
DDTB122LU DIODES-DDTB122LU_1 Datasheet
79Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 5 - 2
DDTBXXXXC DIODES-DDTBXXXXC Datasheet
66Kb / 3P
   PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30403 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com