Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM20U40 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SDM20U40
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM20U40 Datasheet(HTML) 3 Page - Diodes Incorporated

  SDM20U40 Datasheet HTML 1Page - Diodes Incorporated SDM20U40 Datasheet HTML 2Page - Diodes Incorporated SDM20U40 Datasheet HTML 3Page - Diodes Incorporated SDM20U40 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SDM20U40
Document number: DS30393 Rev. 9 - 2
3 of 4
www.diodes.com
March 2010
© Diodes Incorporated
SDM20U40
Package Outline Dimensions
Suggested Pad Layout
SOD-523
Dim
Min
Max
A
0.25
0.35
B
0.70
0.90
C
1.50
1.70
H
1.10
1.30
K
0.55
0.65
L
0.10
0.30
M
0.10
0.12
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.3
G
1.1
X
0.8
Y
0.6
C
1.7
Z
X
C
G
Y
H
C
A
B
K
M
L


Similar Part No. - SDM20U40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM20U40 DIODES-SDM20U40 Datasheet
60Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30393 Rev. 1 - 2
SDM20U40 DIODES-SDM20U40 Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30393 Rev. 5 - 2
logo
SUNMATE electronic Co.,...
SDM20U40 SUNMATE-SDM20U40 Datasheet
262Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SHIKUES Electronics
SDM20U40 SKTECHNOLGY-SDM20U40 Datasheet
613Kb / 3P
   Low Forward Voltage Drop
logo
AiT Semiconductor Inc.
SDM20U40 AITSEMI-SDM20U40 Datasheet
493Kb / 5P
   SCHOTTKY DIODES 2PIN 40V
REV1.0
More results

Similar Description - SDM20U40

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com