Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD3004BRM Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBD3004BRM
Description  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD3004BRM Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBD3004BRM Datasheet HTML 1Page - Diodes Incorporated MMBD3004BRM Datasheet HTML 2Page - Diodes Incorporated MMBD3004BRM Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD3004BRM
Document number: DS30387 Rev. 8 - 2
1 of 3
www.diodes.com
March 2008
© Diodes Incorporated
MMBD3004BRM
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Features
Two Series Diode Circuits Connect to Form Full Wave Bridge
Fast Switching Speed
High Conductance
High Reverse Breakdown Voltage Rating
Lead Free/RoHS Compliant Version (Note 3)
"Green" Device (Notes 4 and 5)
Mechanical Data
Case: SOT-26
Case Material: Molded Plastic, "Green" Molding Compound,
Note 5. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Copper
leadframe).
Polarity: See Diagram
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.016 grams (approximate)
SOT-26
AC
1
C
1
C
2
AC
2
A
1
A
2
Internal Schematic
TOP VIEW
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
350
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
300
V
RMS Reverse Voltage
VR(RMS)
212
V
Forward Continuous Current (Note 1)
IF
225
mA
Peak Repetitive Forward Current (Note 1)
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
μs
@ t = 1.0s
IFSM
4.0
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
350
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
350
V
IR = 150μA
Forward Voltage
VF
0.78
0.93
1.03
0.87
1.0
1.25
V
IF = 20mA
IF = 100mA
IF = 200mA
Reverse Current (Note 2)
IR
30
35
100
100
nA
μA
VR = 240V
VR = 240V, TJ = 150°C
Total Capacitance
CT
1.0
5.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
50
ns
IF = IR = 30mA,
Irr = 3.0mA, RL = 100Ω
Notes:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product
manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Please click here to visit our online spice models database.


Similar Part No. - MMBD3004BRM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD3004BRM DIODES-MMBD3004BRM Datasheet
90Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 5 - 2
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM Datasheet
137Kb / 3P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
TAITRON Components Inco...
MMBD3004BRM TAITRON-MMBD3004BRM Datasheet
258Kb / 4P
   Multiple Terminals SMD Switching Diode
logo
Diodes Incorporated
MMBD3004BRM-7-F DIODES-MMBD3004BRM-7-F Datasheet
90Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 5 - 2
logo
Pan Jit International I...
MMBD3004BRMT/R13 PANJIT-MMBD3004BRMT/R13 Datasheet
137Kb / 3P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
More results

Similar Description - MMBD3004BRM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21TM DIODES-BAS21TM Datasheet
113Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
MMBD5004BRM DIODES-MMBD5004BRM_15 Datasheet
109Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM_16 Datasheet
321Kb / 5P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
MMBD3004BRM PANJIT-MMBD3004BRM Datasheet
137Kb / 3P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS21TM DIODES-BAS21TM_15 Datasheet
198Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
MMBD5004BRM DIODES-MMBD5004BRM Datasheet
109Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30714 Rev. 4 - 2
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM_08 Datasheet
154Kb / 3P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
MMBD3004BRM DIODES-MMBD3004BRM Datasheet
90Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 5 - 2
MMBD3004BRM DIODES-MMBD3004BRM_15 Datasheet
126Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
MMBD5004BRM DIODES-MMBD5004BRM_16 Datasheet
361Kb / 6P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com