Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTD113ZU Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTD113ZU
Description  NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTD113ZU Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTD113ZU Datasheet HTML 1Page - Diodes Incorporated DDTD113ZU Datasheet HTML 2Page - Diodes Incorporated DDTD113ZU Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DDTD (xxxx) U
NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
DS30382 Rev. 7 - 2
1 of 3
www.diodes.com
DDTD (xxxx) U
© Diodes Incorporated
Complementary PNP Types Available (DDTB)
Built-In Biasing Resistors, R1, R2
Lead Free/RoHS Compliant Version (Note 2)
"Green" Device, Note 3 and 4
Mechanical Data
Case: SOT-323
Case Material: Molded Plastic, "Green" Molding
Compound, Note 4. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
Marking Information: See Table Below & Page 3
Ordering Information: See Page 3
Weight: 0.006 grams (approximate)
P/N
R1 (NOM)
R2 (NOM)
MARKING
DDTD113EU
DDTD123EU
DDTD143EU
DDTD114EU
DDTD122JU
DDTD113ZU
DDTD123YU
DDTD133HU
DDTD123TU
DDTD143TU
DDTD114TU
DDTD114GU
1K
2.2K
4.7K
10K
0.22K
1K
2.2K
3.3K
2.2K
4.7K
10K
0
1K
2.2K
4.7K
10K
4.7K
10K
10K
10K
OPEN
OPEN
OPEN
10K
N60
N61
N62
N63
N64
N65
N66
N67
N69
N70
N71
N72
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
α
0
°
8
°
All Dimens
mm
ions in
Maximum Ratings
@TA = 25°C unless otherwise specified
R1
OUT
B
C
E
R2
3
2
1
IN
GND(0)
A
M
J
L
E
D
B C
H
K
G
Schematic and Pin Configuration
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (2)
VCC
50
V
Input Voltage, (1) to (2)
DDTD113EU
DDTD123EU
DDTD143EU
DDTD114EU
DDTD122JU
DDTD113ZU
DDTD123YU
DDTD133HU
VIN
-10 to +10
-10 to +12
-10 to +30
-10 to +40
-5 to +5
-5 to +10
-5 to +12
-6 to +20
V
Input Voltage, (2) to (1)
DDTD123TU
DDTD143TU
DDTD114TU
DDTD114GU
VEBO (MAX)
5
V
Output Current
All
IC
500
mA
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air
(Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Notes:
1.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2.
No purposefully added lead.
3.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4.
Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to
Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.


Similar Part No. - DDTD113ZU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD113ZU DIODES-DDTD113ZU Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
DDTD113ZU-7 DIODES-DDTD113ZU-7 Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
More results

Similar Description - DDTD113ZU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD122LU DIODES-DDTD122LU_2 Datasheet
116Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30398 Rev. 6 - 2
DDTDC DIODES-DDTDC Datasheet
352Kb / 5P
   NPN PRE-BIASED 500 MA SURFACE MOUNT TRANSISTOR
Rev. 8 - 2 July 2021
DDTD122LC DIODES-DDTD122LC_1 Datasheet
116Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30399 Rev. 6 - 2
DDTD(LO-R1)C DIODES-DDTD(LO-R1)C Datasheet
116Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DDTDXXXXC DIODES-DDTDXXXXC Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTD122LC DIODES-DDTD122LC Datasheet
75Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTD113EU DIODES-DDTD113EU Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30382 Rev. 2 - 2
DDTDXXXXU DIODES-DDTDXXXXU Datasheet
69Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 2 - 2
DDTD122LU DIODES-DDTD122LU_1 Datasheet
79Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 5 - 2
DDTB122LU DIODES-DDTB122LU_2 Datasheet
115Kb / 3P
   PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30400 Rev. 6 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com