Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8361ART-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8361ART-REEL7
Description  LF to 2.5 GHz TruPwr??Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ART-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8361ART-REEL7 Datasheet HTML 6Page - Analog Devices AD8361ART-REEL7 Datasheet HTML 7Page - Analog Devices AD8361ART-REEL7 Datasheet HTML 8Page - Analog Devices AD8361ART-REEL7 Datasheet HTML 9Page - Analog Devices AD8361ART-REEL7 Datasheet HTML 10Page - Analog Devices AD8361ART-REEL7 Datasheet HTML 11Page - Analog Devices AD8361ART-REEL7 Datasheet HTML 12Page - Analog Devices AD8361ART-REEL7 Datasheet HTML 13Page - Analog Devices AD8361ART-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8361
Rev. C | Page 10 of 24
CARRIER FREQUENCY (MHz)
7.8
7.6
6.2
100
1000
7.2
6.6
6.4
7.4
6.8
7.0
6.0
5.8
5.6
VS = 3V
Figure 30. Conversion Gain Change vs. Frequency, Supply 3 V, Ground
Reference Mode, Frequency 100 MHz to 2500 MHz, Representative Device
67mV
370mV
270mV
25mV
500mV PER
VERTICAL
DIVISION
SUPPLY
20
µs PER HORIZONTAL DIVISION
RF
INPUT
Figure 31. Output Response to Gating on Power Supply, for Various RF Input
Levels, Supply 3 V, Modulation Frequency 900 MHz, 0.01 µF Filter Capacitor
R1
75
732
50
0.1
µF
C4
0.01
µF
C2
100pF
HP8648B
SIGNAL
GENERATOR
C1
C3
TEK TDS784C
SCOPE
C5
100pF
TEK P6204
FET PROBE
1
2
3
4
8
7
6
5
AD8361
VPOS
IREF
RFIN
PWDN
SREF
VRMS
FLTR
COMM
HP8110A
PULSE
GENERATOR
AD811
Figure 32. Hardware Configuration for Output Response to Power Supply
Gating Measurements
CONVERSION GAIN (V/V rms)
7.6
6.9
7.0
7.2
16
7.4
7.8
14
12
10
8
6
4
2
0
Figure 33. Conversion Gain Distribution Frequency 100 MHz,
Supply 5 V, Sample Size 3000
IREF MODE INTERCEPT (V)
0.40
0.32
0.34
0.36
0.38
0.44
12
10
8
6
4
2
0
0.42
Figure 34. Output Reference, Internal Reference Mode, Supply 5 V,
Sample Size 3000 (MSOP Only)
SREF MODE INTERCEPT (V)
0.72
0.64
0.66
0.68
0.70
0.76
12
10
8
6
4
2
0
0.74
Figure 35. Output Reference, Supply Reference Mode, Supply 5 V,
Sample Size 3000 (MSOP Only)


Similar Part No. - AD8361ART-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361ART-REEL7 AD-AD8361ART-REEL7 Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8361ART-REEL7 AD-AD8361ART-REEL7 Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
More results

Similar Description - AD8361ART-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361ART AD-AD8361ART Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8361 AD-AD8361 Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8364 AD-AD8364 Datasheet
2Mb / 48P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. 0
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com