Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7466 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7466
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7466 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7466 Datasheet HTML 3Page - Analog Devices AD7466 Datasheet HTML 4Page - Analog Devices AD7466 Datasheet HTML 5Page - Analog Devices AD7466 Datasheet HTML 6Page - Analog Devices AD7466 Datasheet HTML 7Page - Analog Devices AD7466 Datasheet HTML 8Page - Analog Devices AD7466 Datasheet HTML 9Page - Analog Devices AD7466 Datasheet HTML 10Page - Analog Devices AD7466 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 7 of 28
AD7468
VDD = 1.6 V to 3.6 V, fSCLK = 3.4 MHz, fSAMPLE = 100 kSPS, unless otherwise noted. TA = TMIN to TMAX, unless otherwise noted.
The temperature range for the B version is −40°C to +85°C.
Table 3.
Parameter
B Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Maximum/minimum specifications apply as typical figures
when VDD = 1.6 V, fIN = 30 kHz sine wave
Signal-to-Noise and Distortion (SINAD)
49
dB min
See the Terminology section
Total Harmonic Distortion (THD)
−66
dB max
See the Terminology section
Peak Harmonic or Spurious Noise
(SFDR)
−66
dB max
See the Terminology section
Intermodulation Distortion (IMD)
fa = 29.1 kHz, fb = 29.9 kHz; see the Terminology section
Second-Order Terms
−77
dB typ
Third-Order Terms
−77
dB typ
Aperture Delay
10
ns typ
Aperture Jitter
40
ps typ
Full Power Bandwidth
3.2
MHz typ
@ 3 dB, 2.5 V ≤ VDD ≤ 3.6 V
1.9
MHz typ
@ 3 dB, 1.6 V ≤ VDD ≤ 2.2 V
750
kHz typ
@ 0.1 dB, 2.5 V ≤ VDD ≤ 3.6 V
450
kHz typ
@ 0.1 dB, 1.6 V ≤ VDD ≤ 2.2 V
DC ACCURACY
Maximum specifications apply as typical figures when
VDD = 1.6 V
Resolution
8
Bits
Integral Nonlinearity
±0.2
LSB max
See the Terminology section
Differential Nonlinearity
±0.2
LSB max
Guaranteed no missed codes to 8 bits; see the Terminology
section
Offset Error
±0.1
LSB max
See the Terminology section
Gain Error
±0.1
LSB max
See the Terminology section
Total Unadjusted Error (TUE)
±0.3
LSB max
See the Terminology section
ANALOG INPUT
Input Voltage Ranges
0 to VDD
V
DC Leakage Current
±1
μA max
Input Capacitance
20
pF typ
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDD
V min
1.6 V ≤ VDD < 2.7 V
2
V min
2.7 V ≤ VDD ≤ 3.6 V
Input Low Voltage, VINL
0.2 × VDD
V max
1.6 V ≤ VDD < 1.8 V
0.3 × VDD
V max
1.8 V ≤ VDD < 2.7 V
0.8
V max
2.7 V ≤ VDD ≤ 3.6 V
Input Current, IIN, SCLK Pin
±1
μA max
Typically 20 nA, VIN = 0 V or VDD
Input Current, IIN, CS Pin
±1
μA typ
Input Capacitance, CIN
10
pF max
Sample tested at 25°C to ensure compliance
LOGIC OUTPUTS
Output High Voltage, VOH
VDD − 0.2
V min
ISOURCE = 200 μA; VDD = 1.6 V to 3.6 V
Output Low Voltage, VOL
0.2
V max
ISINK = 200 μA
Floating-State Leakage Current
±1
μA max
Floating-State Output Capacitance
10
pF max
Sample tested at 25°C to ensure compliance
Output Coding
Straight (natural)
binary
CONVERSION RATE
Conversion Time
2.94
μs max
10 SCLK cycles with SCLK at 3.4 MHz
Throughput Rate
320
kSPS max
See the Serial Interface section


Similar Part No. - AD7466

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7466 AD-AD7466 Datasheet
171Kb / 15P
   1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
REV. PrC 07/01
AD7466 AD-AD7466 Datasheet
160Kb / 5P
   Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
AD7466BRM AD-AD7466BRM Datasheet
171Kb / 15P
   1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
REV. PrC 07/01
AD7466BRT AD-AD7466BRT Datasheet
171Kb / 15P
   1.8 V, Micro-Power, 8/10/12-Bit ADCs in 6 Lead SOT-23
REV. PrC 07/01
AD7466 AD-AD7466_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
More results

Similar Description - AD7466

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7467 AD-AD7467_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7468 AD-AD7468_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
AD7466 AD-AD7466_15 Datasheet
677Kb / 29P
   1.6 V, Micropower 12-/10-/8-Bit ADCs
REV. C
logo
Linear Technology
LTC1863L LINER-LTC1863L Datasheet
234Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
LTC1863L LINER-LTC1863L_15 Datasheet
426Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
LTC1867L LINER-LTC1867L_15 Datasheet
426Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Linear Dimensions Semic...
LTC1863LIGNPBF LINEAR_DIMENSIONS-LTC1863LIGNPBF Datasheet
239Kb / 16P
   Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com