Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBM340 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBM340
Description  3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBM340 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBM340 Datasheet HTML 1Page - Diodes Incorporated SBM340 Datasheet HTML 2Page - Diodes Incorporated SBM340 Datasheet HTML 3Page - Diodes Incorporated SBM340 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30362 Rev. 6 - 2
2 of 4
www.diodes.com
SBM340
© Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN
USE PDS340
0.1
1.0
10
0.1
0.3
0.4
0.2
0.5
0.6
0.7
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
100
10
1
0.1
0.01
1000
10,000
0
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
10
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
10
100
1000
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
Fig. 4 Typical Capacitance vs. Reverse Voltage
R
f = 1 MHz
T = 25°C
J


Similar Part No. - SBM340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBM340 DIODES-SBM340 Datasheet
77Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30362 Rev. 2 - 2
SBM340 DIODES-SBM340 Datasheet
396Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 5- 2
SBM340-13 DIODES-SBM340-13 Datasheet
77Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30362 Rev. 2 - 2
SBM340-13-F DIODES-SBM340-13-F Datasheet
396Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 5- 2
SBM340 DIODES-SBM340_1 Datasheet
396Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 5- 2
More results

Similar Description - SBM340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBM340 DIODES-SBM340_1 Datasheet
396Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 5- 2
MBRM360 DIODES-MBRM360_1 Datasheet
476Kb / 4P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30355 Rev. 4 - 2
MBRM360 DIODES-MBRM360_2 Datasheet
120Kb / 4P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30355 Rev. 5 - 2
MBRM360 DIODES-MBRM360 Datasheet
65Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30355 Rev. 2 - 2
SBM340 DIODES-SBM340 Datasheet
77Kb / 3P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30362 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
SK34A-T TSC-SK34A-T Datasheet
379Kb / 6P
   3A, 40V - 100V Surface Mount Schottky Barrier Rectifier
logo
Frontier Electronics.
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32 FRONTIER-SS32 Datasheet
124Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32A CITC-SK32A Datasheet
153Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK32A FRONTIER-SK32A Datasheet
125Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com