Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0640M Datasheet(PDF) 4 Page - Diodes Incorporated

Part # TB0640M
Description  50A BIDIRECTIONAL SURFACE MOUNT THYRISTOR DUAL NPN TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TB0640M Datasheet(HTML) 4 Page - Diodes Incorporated

  TB0640M Datasheet HTML 1Page - Diodes Incorporated TB0640M Datasheet HTML 2Page - Diodes Incorporated TB0640M Datasheet HTML 3Page - Diodes Incorporated TB0640M Datasheet HTML 4Page - Diodes Incorporated TB0640M Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TB0640M - TB3500M
Document number: DS30361 Rev. 9 - 2
4 of 5
www.diodes.com
September 2010
© Diodes Incorporated
TB0640M - TB3500M
Ordering Information (Note 5)
Part Number
Case
Packaging
TB0640M-13-F
SMB
3000/Tape & Reel
TB0720M-13-F
SMB
3000/Tape & Reel
TB0900M-13-F
SMB
3000/Tape & Reel
TB1100M-13-F
SMB
3000/Tape & Reel
TB1300M-13-F
SMB
3000/Tape & Reel
TB1500M-13-F
SMB
3000/Tape & Reel
TB1800M-13-F
SMB
3000/Tape & Reel
TB2300M-13-F
SMB
3000/Tape & Reel
TB2600M-13-F
SMB
3000/Tape & Reel
TB3100M-13-F
SMB
3000/Tape & Reel
TB3500M-13-F
SMB
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.57
C
1.96
2.21
D
0.15
0.31
E
5.00
5.59
G
0.05
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
SMB
Dimensions
Value (in mm)
Z
6.7
G
1.8
X
2.3
Y
2.5
C
4.3
xxxxx = Product type marking code (See table on page 2)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code (01 to 53)
YWW
xxxxx
A
B
C
D
G
H
E
J


Similar Part No. - TB0640M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
logo
Lite-On Technology Corp...
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB0640M DIODES-TB0640M Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
logo
SUNMATE electronic Co.,...
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Diodes Incorporated
TB0640M-13 DIODES-TB0640M-13 Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results

Similar Description - TB0640M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DN0150ADJ DIODES-DN0150ADJ Datasheet
89Kb / 4P
   DUAL NPN SURFACE MOUNT TRANSISTOR
DN0150ADJ DIODES-DN0150ADJ_15 Datasheet
89Kb / 4P
   DUAL NPN SURFACE MOUNT TRANSISTOR
logo
TT Electronics.
2N5794U TTELEC-2N5794U Datasheet
487Kb / 3P
   Surface Mount Dual NPN Transistor
logo
List of Unclassifed Man...
2N5794U ETC-2N5794U Datasheet
185Kb / 2P
   SURFACE MOUNT DUAL NPN TRANSISTOR
logo
Diodes Incorporated
BC847CDLP DIODES-BC847CDLP Datasheet
119Kb / 4P
   NPN DUAL SURFACE MOUNT TRANSISTOR
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
TB0640H DIODES-TB0640H_10 Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A Datasheet
106Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com