Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCX114EU Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DCX114EU
Description  SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX114EU Datasheet(HTML) 3 Page - Diodes Incorporated

  DCX114EU Datasheet HTML 1Page - Diodes Incorporated DCX114EU Datasheet HTML 2Page - Diodes Incorporated DCX114EU Datasheet HTML 3Page - Diodes Incorporated DCX114EU Datasheet HTML 4Page - Diodes Incorporated DCX114EU Datasheet HTML 5Page - Diodes Incorporated DCX114EU Datasheet HTML 6Page - Diodes Incorporated DCX114EU Datasheet HTML 7Page - Diodes Incorporated DCX114EU Datasheet HTML 8Page - Diodes Incorporated DCX114EU Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DS30347 Rev. 11 - 2
3 of 12
www.diodes.com
DCX (xxxx) U
© Diodes Incorporated
Electrical Characteristics NPN Section @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
R1 Only (DCX143TU & DCX114TU)
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 50μA
Collector-Emitter Breakdown Voltage
BVCEO
50
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
−−
V
IE = 50μA
Collector Cutoff Current
ICBO
0.5
μA
VCB = 50V
Emitter Cutoff Current
IEBO
0.5
μA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
0.3
V
IC/IB = 2.5mA / 0.25mA
DCX143TU
IC/IB = 1mA / 0.1mA
DCX114TU
DC Current Transfer Ratio
hFE
100
250
600
IC = 1mA, VCE = 5V
Input Resistor (R1) Tolerance
ΔR1
-30
+30
%
Gain-Bandwidth Product
fT
250
MHz
VCE = 10V, IE = -5mA, f = 100MHz
R1/R2 Only
DCX124EU
0.5
1.1
DCX144EU
0.5
1.1
DCX114YU
0.3
DCX123JU
0.5
DCX114EU
0.5
1.1
DCX143EU
Vl(off)
0.5
1.16
VCC = 5V, IO = 100μA
DCX124EU
1.9
3.0
VO = 0.3, IO = 5mA
DCX144EU
1.9
3.0
VO = 0.3, IO = 2mA
DCX114YU
1.4
VO = 0.3, IO = 1mA
DCX123JU
1.1
VO = 0.3, IO = 5mA
DCX114EU
1.9
3.0
VO = 0.3, IO = 10mA
Input Voltage
DCX143EU
Vl(on)
1.99
3.0
V
VO = 0.3, IO = 20mA
DCX124EU
IO/Il = 10mA / 0.5mA
DCX144EU
IO/Il = 10mA / 0.5mA
DCX114YU
IO/Il = 5mA / 0.25mA
DCX123JU
IO/Il = 5mA / 0.25mA
DCX114EU
IO/Il = 10mA / 0.5mA
Output Voltage
DCX143EU
VO(on)
0.1
0.3
V
IO/Il = 10mA / 0.5mA
DCX124EU
0.36
DCX144EU
0.18
DCX114YU
0.88
DCX123JU
3.6
DCX114EU
0.88
Input Current
DCX143EU
Il
0.88
mA
VI = 5V
Output Current
IO(off)
0.5
μA
VCC = 50V, VI = 0V
DCX124EU
56
VO = 5V, IO = 5mA
DCX144EU
68
VO = 5V, IO = 5mA
DCX114YU
68
VO = 5V, IO = 10mA
DCX123JU
80
VO = 5V, IO = 10mA
DCX114EU
30
VO = 5V, IO = 5mA
DC Current Gain
DCX143EU
Gl
50
VO = 5V, IO = 10mA
Input Resistor (R1) Tolerance
ΔR1
-30
+30
%
Resistance Ratio Tolerance
R2/R1
-20
+20
%
Gain-Bandwidth Product
fT
250
MHz
VCE = 10V, IE = 5mA, f = 100MHz


Similar Part No. - DCX114EU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX114EU DIODES-DCX114EU Datasheet
120Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
DCX114EU DIODES-DCX114EU Datasheet
75Kb / 3P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 1 - 1
DCX114EU DIODES-DCX114EU Datasheet
618Kb / 11P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 8 - 2
DCX114EU DIODES-DCX114EU Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
DCX114EU-13R-F DIODES-DCX114EU-13R-F Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
More results

Similar Description - DCX114EU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ACX124EUQ DIODES-ACX124EUQ Datasheet
451Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 3 - 2 March 2017
ACX143ZUQ DIODES-ACX143ZUQ Datasheet
397Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 September 2017
DCXXXXXU DIODES-DCXXXXXU Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
DCX124EU DIODES-DCX124EU_1 Datasheet
618Kb / 11P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 8 - 2
ACX114EUQ DIODES-ACX114EUQ Datasheet
427Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 1 - 2 September 2017
ACX114YUQ DIODES-ACX114YUQ Datasheet
434Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 January 2017
DCX122LU DIODES-DCX122LU_1 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 5 - 2
DCX122LH DIODES-DCX122LH_1 Datasheet
206Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 3 - 2
DCX122LU-7 DIODES-DCX122LU-7 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DCX124EH DIODES-DCX124EH_2 Datasheet
240Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com