Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTA144VKA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTA144VKA
Description  PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA144VKA Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTA144VKA Datasheet HTML 1Page - Diodes Incorporated DDTA144VKA Datasheet HTML 2Page - Diodes Incorporated DDTA144VKA Datasheet HTML 3Page - Diodes Incorporated DDTA144VKA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DDTA (R1≠R2 SERIES) KA
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Complementary NPN Types Available (DDTC)
Built-In Biasing Resistors, R1
≠R2
Lead Free/RoHS Compliant (Note 1)
"Green" Device, Note 2 and 3
Mechanical Data
DS30342 Rev. 7 - 2
1 of 4
www.diodes.com
DDTA (R1
≠R2 SERIES) KA
© Diodes Incorporated
Case: SC-59
Case material: Molded Plastic, "Green" Molding
Compound, Note 3. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over
Copper leadframe).
Terminal Connections: See Diagram
Marking Information: See Table Below & Page 4
Ordering Information: See Page 4
Weight: 0.008 grams (approximate)
P/N
R1 (NOM)
R2 (NOM)
Type Code
DDTA113ZKA
DDTA123YKA
DDTA123JKA
DDTA143XKA
DDTA143FKA
DDTA143ZKA
DDTA114YKA
DDTA114WKA
DDTA124XKA
DDTA144VKA
DDTA144WKA
1K
Ω
2.2K
Ω
2.2K
Ω
4.7K
Ω
4.7K
Ω
4.7K
Ω
10K
Ω
10K
Ω
22K
Ω
47K
Ω
47K
Ω
10K
Ω
10K
Ω
47K
Ω
10K
Ω
22K
Ω
47K
Ω
47K
Ω
4.7K
Ω
47K
Ω
10K
Ω
22K
Ω
P02
P05
P06
P09
P10
P11
P14
P15
P18
P21
P22
SC-59
Dim
Min
Max
A
0.35
0.50
B
1.50
1.70
C
2.70
3.00
D
0.95
G
1.90
H
2.90
3.10
J
0.013
0.10
K
1.00
1.30
L
0.35
0.55
M
0.10
0.20
α
0
°
8
°
All Dimensions in mm
A
M
J
L
D
C
B
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (2)
VCC
-50
V
Input Voltage, (1) to (2)
DDTA113ZKA
DDTA123YKA
DDTA123JKA
DDTA143XKA
DDTA143FKA
DDTA143ZKA
DDTA114YKA
DDTA114WKA
DDTA124XKA
DDTA144VKA
DDTA144WKA
VIN
+5 to -10
+5 to -12
+5 to -12
+7 to -20
+6 to -30
+5 to -30
+6 to -40
+10 to -30
+10 to -40
+15 to -40
+10 to -40
V
Output Current
DDTA113ZKA
DDTA123YKA
DDTA123JKA
DDTA143XKA
DDTA143FKA
DDTA143ZKA
DDTA114YKA
DDTA114WKA
DDTA124XKA
DDTA144VKA
DDTA144WKA
IO
-100
-100
-100
-100
-100
-100
-70
-100
-50
-30
-30
mA
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Schematic and Pin Configuration
Equivalent Inverter Circuit
R1
OUT
B
C
E
R2
3
2
1
IN
GND(+)
1
3
GND (+)
C
B
IN
OUT
E
H
K
G


Similar Part No. - DDTA144VKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA144VKA DIODES-DDTA144VKA Datasheet
72Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30342 Rev. 2 - 2
DDTA144VKA DIODES-DDTA144VKA Datasheet
90Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30342 Rev. 6 - 2
DDTA144VKA-7 DIODES-DDTA144VKA-7 Datasheet
72Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30342 Rev. 2 - 2
DDTA144VKA-7-F DIODES-DDTA144VKA-7-F Datasheet
90Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30342 Rev. 6 - 2
More results

Similar Description - DDTA144VKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EUA DIODES-DDTA123EUA_2 Datasheet
132Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
DDTA114GUA DIODES-DDTA114GUA_2 Datasheet
132Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
ADTA143XUAQ DIODES-ADTA143XUAQ Datasheet
459Kb / 7P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
DDTA113ZUA DIODES-DDTA113ZUA_2 Datasheet
141Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DDTA113TKA DIODES-DDTA113TKA_2 Datasheet
135Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30343 Rev. 7 - 2
DDTA114GKA DIODES-DDTA114GKA_2 Datasheet
126Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30344 Rev. 8 - 2
ADTA114ECAQ DIODES-ADTA114ECAQ Datasheet
282Kb / 7P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTA144WCAQ DIODES-ADTA144WCAQ Datasheet
417Kb / 7P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2020
DDTA113ZE DIODES-DDTA113ZE_2 Datasheet
205Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2
DDTA113TUA DIODES-DDTA113TUA_2 Datasheet
134Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
MMBT4403T DIODES-MMBT4403T_18 Datasheet
335Kb / 6P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com