Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C57774101 Datasheet(PDF) 2 Page - General Cable Technologies Corporation

Part # C57774101
Description  C5777, Coaxial Cable, RG6/U Type, 18 AWG Copper Clad Steel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C57774101 Datasheet(HTML) 2 Page - General Cable Technologies Corporation

  C57774101 Datasheet HTML 1Page - General Cable Technologies Corporation C57774101 Datasheet HTML 2Page - General Cable Technologies Corporation C57774101 Datasheet HTML 3Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nominal Capacitance (pF/ft):
16.20
Nominal Capacitance (pF/m):
53.15
Velocity of Propagation %:
85
Nominal Impedance Ohm:
75
Nominal Attenuation MHz/dB
1/0.26
per 100 ft:
10/0.81
50/1.46
100/2.05
200/2.83
500/4.53
1000/6.59
Standard Packaging:
1000' Non-returnable Wood Reels
Standard Package Quantity:
1
UPC #:
079407740970
Put-up:
1000
SCC-14:
50079407740977
Cube:
1781.00625
Weight Per Unit of Measure:
.04
ColorOption:
Black
Product Information:


Similar Part No. - C57774101

ManufacturerPart #DatasheetDescription
logo
Powerbox
C577 POWERBOX-C577 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
General Cable Technolog...
C5770.18.01 GENERAL-C5770.18.01 Datasheet
83Kb / 4P
   C5770, Coaxial Cable, RG59/U Type, 22 AWG Solid Copper Clad Steel
C57701801 GENERAL-C57701801 Datasheet
83Kb / 4P
   C5770, Coaxial Cable, RG59/U Type, 22 AWG Solid Copper Clad Steel
C5775 GENERAL-C5775 Datasheet
74Kb / 1P
   1C 18 SOLID BCCS FMPE OAS PVC RG 6/U TYPE COAXIAL CABLE
C5775.18.01 GENERAL-C5775.18.01 Datasheet
75Kb / 3P
   C5775, Coaxial Cable, RG6/U Type, 18 AWG Solid Copper Clad Steel
More results

Similar Description - C57774101

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C57751801 GENERAL-C57751801 Datasheet
75Kb / 3P
   C5775, Coaxial Cable, RG6/U Type, 18 AWG Solid Copper Clad Steel
C57764101 GENERAL-C57764101 Datasheet
77Kb / 3P
   C5776, Coaxial Cable, RG6/U Type, 18 AWG Solid Copper Clad Steel
C50434101 GENERAL-C50434101 Datasheet
73Kb / 3P
   C5043, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel
C50444101 GENERAL-C50444101 Datasheet
83Kb / 3P
   C5044, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel
C57701801 GENERAL-C57701801 Datasheet
83Kb / 4P
   C5770, Coaxial Cable, RG59/U Type, 22 AWG Solid Copper Clad Steel
C50394101 GENERAL-C50394101 Datasheet
79Kb / 3P
   C5039, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel
C35214186 GENERAL-C35214186 Datasheet
84Kb / 4P
   C3521, Coaxial Cable, RG6/U Type, Plenum, 18 AWG Solid Bare Copper
C50254101 GENERAL-C50254101 Datasheet
72Kb / 3P
   C5025, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel, 97% Bare Copper Braid
C35004186 GENERAL-C35004186 Datasheet
76Kb / 3P
   C3500, Coaxial Cable, RG59/U Type, Plenum, 20 AWG Solid Copper Clad Steel, 95% Bare Copper Braid
C35204186 GENERAL-C35204186 Datasheet
76Kb / 3P
   C3520, Coaxial Cable, RG62/U Type, Plenum, Gauge Size 22 AWG Solid Copper Clad Steel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com