Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTC114GUA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC114GUA
Description  NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC114GUA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC114GUA_2 Datasheet HTML 1Page - Diodes Incorporated DDTC114GUA_2 Datasheet HTML 2Page - Diodes Incorporated DDTC114GUA_2 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30324 Rev. 7 - 2
2 of 3
www.diodes.com
DDTC (R2-ONLY SERIES) UA
© Diodes Incorporated
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 50μA
Collector-Emitter Breakdown Voltage
BVCEO
50
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
V
IE = 720μA, DDTC114GUA
IE = 330μA, DDTC124GUA
IE = 160μA, DDTC144GUA
IE = 72μA, DDTC115GUA
Collector Cutoff Current
ICBO
0.5
μA
VCB = 50V
Emitter Cutoff Current
DDTC114GUA
DDTC124GUA
DDTC144GUA
DDTC115GUA
IEBO
300
140
65
30
580
260
130
58
μA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
0.3
V
IC = 10mA, IB = 0.5mA
DC Current Transfer Ratio
DDTC114GUA
DDTC124GUA
DDTC144GUA
DDTC115GUA
hFE
30
56
68
82
IC = 5mA, VCE = 5V
Bleeder Resistor (R2) Tolerance
ΔR2
-30
+30
%
Gain-Bandwidth Product*
fT
250
MHz
VCE = 10V, IE = -5mA,
f = 100MHz
* Transistor - For Reference Only
Typical Characteristics – DDTC114GUA
-50
050
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Derating Curve
A
°
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
Fig. 2 V
vs. I
C
CE(SAT)
C
I/I = 10
CB
75 C
°
25 C
°
-25 C
°
10
1,000
100
110
100
I , COLLECTOR CURRENT (mA)
Fig. 3 DC Current Gain
C
V
= 10
CE
0
1
2
3
4
0
20
30
V , REVERSE BIAS VOLTAGE (V)
Fig. 4 Output Capacitance
R
5
10
5
15
25
I = 0mA
E


Similar Part No. - DDTC114GUA_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC114GUA-7 DIODES-DDTC114GUA-7 Datasheet
189Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 2 - 1
DDTC114GUA-7-F DIODES-DDTC114GUA-7-F Datasheet
88Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA_1 Datasheet
88Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 6 - 2
More results

Similar Description - DDTC114GUA_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
DDTC113TE DIODES-DDTC113TE_2 Datasheet
177Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
ADTC114ECAQ DIODES-ADTC114ECAQ Datasheet
336Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC143ZCAQ DIODES-ADTC143ZCAQ Datasheet
316Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC144EUAQ DIODES-ADTC144EUAQ Datasheet
461Kb / 6P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 3 - 2 May 2021
DDTC113ZKA DIODES-DDTC113ZKA_2 Datasheet
146Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30338 Rev. 8 - 2
DDTC114GKA DIODES-DDTC114GKA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30340 Rev. 6 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com